Electronic Components Datasheet Search
  English  ▼

X  

IR3092 Datasheet(PDF) 5 Page - International Rectifier

Part # IR3092
Description  2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3092 Datasheet(HTML) 5 Page - International Rectifier

  IR3092 Datasheet HTML 1Page - International Rectifier IR3092 Datasheet HTML 2Page - International Rectifier IR3092 Datasheet HTML 3Page - International Rectifier IR3092 Datasheet HTML 4Page - International Rectifier IR3092 Datasheet HTML 5Page - International Rectifier IR3092 Datasheet HTML 6Page - International Rectifier IR3092 Datasheet HTML 7Page - International Rectifier IR3092 Datasheet HTML 8Page - International Rectifier IR3092 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
IR3092
Page 5 of 37
06/25/04
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Oscillator
Switching Frequency
RROSC = 42k
Ÿ
160
200
240
kHz
Phase1 to Phase2 Shift
GATEH1 rise to GATEH2 rise
155
170
190
°
BIASOUT Regulator
SETBIAS Bias Current
RROSC = 42k
Ÿ
105
115
125
PA
Set Point Accuracy
V(SETBIAS)-V(BIASOUT) @ 100mA
0.1
0.3
0.55
V
BIASOUT Dropout Voltage
I(BIASOUT)=100mA,Threshold when
V(SETBIAS)-V(BIASOUT)=0.45V
1.2
1.8
2.5
V
BIASOUT Current Limit
150
300
450
mA
Soft Start and Delay
SS/DEL to FB Input Offset
Voltage
With FB = 0V, adjust V(SS/DEL) until
EAOUT drives high
0.8
1.3
1.8
V
Charge Current
25
55
75
PA
Hiccup Discharge Current
2.5
5.5
7.5
PA
OC Discharge Current
25
45
70
PA
Charge/Discharge Current
Ratio
9
10
11
PA/PA
Charge Voltage
3.8
4.0
4.2
V
Delay Comparator Threshold
Relative to Charge Voltage
200
240
280
mV
Delay Comparator Hysteresis
15
30
45
mV
Discharge Comparator
Threshold
200
260
350
mV
Over-Current Comparator
Input Offset Voltage
V(OCSET)-V(VDAC),
CSIN=CSINP1=CSINP2, Note 1.
-125
0
125
mV
OCSET Bias Current
RROSC = 42k
Ÿ
28
30
33
PA
Max OCSET Set Point
3.95
V
Under-Voltage Lockout
VCC Start Threshold
7.2
7.8
8.3
V
VCC Stop Threshold
6.7
7.3
7.8
V
VCC Hysteresis
Start – Stop
450
500
750
mV
5VUVL Start Threshold
4.05
4.3
4.55
V
5VUVL Stop Threshold
3.92
4.125
4.33
V
5VUVL Hysteresis
Start – Stop
100
175
250
mV
5VUVL Input Resistance
To LGND
24
36
72
k
Ÿ
PWRGD Output
Output Voltage
I(PWRGD) = 4mA
150
300
mV
Leakage Current
V(PWRGD) = 5.5V
0
10
PA
Enable Input
Threshold, INTEL
VID_SEL=0, Referenced to VOSNS-
0.4
0.6
0.8
V
Threshold, AMD
VID_SEL=Float, Referenced to
VOSNS-
1.3
1.5
1.7
V
Input Resistance
7.5
15
20
k
Ÿ
Pull-up Voltage
2.4
3.0
3.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com