Electronic Components Datasheet Search
  English  ▼

X  

IR3092 Datasheet(PDF) 25 Page - International Rectifier

Part # IR3092
Description  2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3092 Datasheet(HTML) 25 Page - International Rectifier

Back Button IR3092 Datasheet HTML 21Page - International Rectifier IR3092 Datasheet HTML 22Page - International Rectifier IR3092 Datasheet HTML 23Page - International Rectifier IR3092 Datasheet HTML 24Page - International Rectifier IR3092 Datasheet HTML 25Page - International Rectifier IR3092 Datasheet HTML 26Page - International Rectifier IR3092 Datasheet HTML 27Page - International Rectifier IR3092 Datasheet HTML 28Page - International Rectifier IR3092 Datasheet HTML 29Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
IR3092
Page 25 of 37
06/25/04
RCOMP and CCOMP have limited effect on the crossover frequency, and are used only to fine tune the crossover frequency
and transient load response. Choose the desired crossover frequency fc1 around fc estimated by Equation (13) and
determine RCOMP and CCOMP.
M
IN
FB
E
E
C
COMP
F
V
R
C
L
f
R
2
1 )
2
( S
(14)
COMP
E
E
COMP
R
C
L
C
10
(15)
CCP1 is optional and may be needed in some applications to reduce the jitter caused by the high frequency noise. A
ceramic capacitor between 10pF and 220pF is usually enough. In equation (14), VIN is the input voltage, FM is the PWM
comparator gain (refer to equation (22)).
Type III Compensation
Determine the compensation at no load, the worst case condition. Assume the time constant of the resistor and capacitor
across the output inductors matches that of the inductor, the crossover frequency of the voltage loop can be estimated by
Equations (16).
LE
FB
CS
E
DRP
C
R
R
G
C
R
f
*
*
2S
(16)
Choose the desired crossover frequency fc1 around fc estimated by Equation (16). Select other components to ensure the
slope of close loop gain is -20dB/Dec around the crossover frequency. Choose resistor RFB1 according to Equation (17),
and determine CFB and CDRP from Equations (18) and (19).
FB
FB
R
R
2
1
1
to
FB
FB
R
R
3
2
1
(17)
1
1
4
1
FB
C
FB
R
f
C
S
(18)
DRP
FB
FB
FB
DRP
R
C
R
R
C
 )
(
1
(19)
RCOMP and CCOMP have limited effect on the crossover frequency, and are used only to fine tune the crossover frequency
and transient load response. Determine RCOMP and CCOMP from Equations (20) and (21), where FM is the PWM
comparator gain defined by Equation (22).
M
I
FB
E
E
C
COMP
F
V
R
C
L
f
R
2
1 )
2
( S
(20)
COMP
E
E
COMP
R
C
L
C
10
(21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com