Electronic Components Datasheet Search
  English  ▼

X  

IR3092 Datasheet(PDF) 33 Page - International Rectifier

Part # IR3092
Description  2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3092 Datasheet(HTML) 33 Page - International Rectifier

Back Button IR3092 Datasheet HTML 29Page - International Rectifier IR3092 Datasheet HTML 30Page - International Rectifier IR3092 Datasheet HTML 31Page - International Rectifier IR3092 Datasheet HTML 32Page - International Rectifier IR3092 Datasheet HTML 33Page - International Rectifier IR3092 Datasheet HTML 34Page - International Rectifier IR3092 Datasheet HTML 35Page - International Rectifier IR3092 Datasheet HTML 36Page - International Rectifier IR3092 Datasheet HTML 37Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
IR3092
Page 33 of 37
06/25/04
PCB AND STENCIL DESIGN METHODOLOGY
x 7x7
x 48 Lead
x 0.5mm pitch MLPQ
See Figures 14-16.
PCB Metal Design (0.5mm Pitch Leads)
1. Lead land width should be equal to nominal part lead width. The minimum lead to lead spacing
should be
• PP WR PLQLPL]H VKRUWLQJ
2. Lead land length should be equal to maximum part lead length + 0.2 mm outboard extension +
0.05mm inboard extension. The outboard extension ensures a large and inspectable toe fillet,
and the inboard extension will accommodate any part misalignment and ensure a fillet.
3. Center pad land length and width should be = maximum part pad length and width. However, the
minimum metal to metal spacing should be
• PP  R] &RSSHU • PP IRU  R] &RSSHU
and
• PP IRU  R] &RSSHU
4. Sixteen 0.30mm diameter vias shall be placed in the pad land spaced at 1.2mm, and connected
to ground to minimize the noise effect on the IC, and to transfer heat to the PCB.
PCB Solder Resist Design (0.5mm Pitch Leads)
1. Lead lands. The solder resist should be pulled away from the metal lead lands by a minimum of
0.060mm. The solder resist mis-alignment is a maximum of 0.050mm and it is recommended
that the lead lands are all NSMD. Therefore pulling the S/R 0.060mm will always ensure NSMD
pads.
2. The minimum solder resist width is 0.13mm, therefore it is recommended that the solder resist is
completely removed from between the lead lands forming a single opening for each “group” of
lead lands.
3. At the inside corner of the solder resist where the lead land groups meet, it is recommended to
provide a fillet so a solder resist width of
• PP UHPDLQV
4. Land Pad. The land pad should be SMD, with a minimum overlap of the solder resist onto the
copper of 0.060mm to accommodate solder resist mis-alignment. In 0.5mm pitch cases it is
allowable to have the solder resist opening for the land pad to be smaller than the part pad.
5. Ensure that the solder resist in-between the lead lands and the pad land is
• PP GXH WR WKH
high aspect ratio of the solder resist strip separating the lead lands from the pad land.
6. The single via in the land pad should be tented with solder resist 0.4mm diameter, or 0.1mm
larger than the diameter of the via.
Stencil Design (0.5mm Pitch Leads)
1. The stencil apertures for the lead lands should be approximately 80% of the area of the lead
lands. Reducing the amount of solder deposited will minimize the occurrence of lead shorts.
Since for 0.5mm pitch devices the leads are only 0.25mm wide, the stencil apertures should not
be made narrower; openings in stencils < 0.25mm wide are difficult to maintain repeatable solder
release.
2. The stencil lead land apertures should therefore be shortened in length by 80% and centered on
the lead land.
3. The center land pad aperture should be striped with 0.25mm wide openings and spaces to
deposit approximately 50% area of solder on the center pad. If too much solder is deposited on
the center land pad the part will float and the lead lands will be open.
4. The maximum length and width of the center land pad stencil aperture should be equal to the
solder resist opening minus an annular 0.2mm pull back to decrease the incidence of shorting
the center land to the lead lands when the part is pushed into the solder paste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com