Electronic Components Datasheet Search
  English  ▼

X  

IRCC Datasheet(PDF) 23 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 23 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 19Page - SMSC Corporation IRCC Datasheet HTML 20Page - SMSC Corporation IRCC Datasheet HTML 21Page - SMSC Corporation IRCC Datasheet HTML 22Page - SMSC Corporation IRCC Datasheet HTML 23Page - SMSC Corporation IRCC Datasheet HTML 24Page - SMSC Corporation IRCC Datasheet HTML 25Page - SMSC Corporation IRCC Datasheet HTML 26Page - SMSC Corporation IRCC Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 79 page
background image
23
4PPM Back-to-Back Frame Transmission
Back-to-back, or brick walled frames are allowed
with 32 or more PA flag bytes between the STO
field of the first frame and the STA field of the
second frame.
Additional flags can be added by programming
the Brick Wall Count register.
NOTE: the BOF COUNT extensions do not apply
to brick walled messages.
ADDR
8-bit Address
Field
16-byte
PA
Sequence
DATA
8-bit Control field plus up to
2K - 3 bytes Information Field
Brick Walled Frame
Previous
Frame
STA
BW COUNT register
Inserts 0 - 4095 PA Bytes
between Brick Walled
Frames
STO
16-byte
PA
Sequence
FIGURE 17 - BRICK WALLED 4MBPS FRAMES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com