Electronic Components Datasheet Search
  English  ▼

X  

IRCC Datasheet(PDF) 72 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 72 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 68Page - SMSC Corporation IRCC Datasheet HTML 69Page - SMSC Corporation IRCC Datasheet HTML 70Page - SMSC Corporation IRCC Datasheet HTML 71Page - SMSC Corporation IRCC Datasheet HTML 72Page - SMSC Corporation IRCC Datasheet HTML 73Page - SMSC Corporation IRCC Datasheet HTML 74Page - SMSC Corporation IRCC Datasheet HTML 75Page - SMSC Corporation IRCC Datasheet HTML 76Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 79 page
background image
72
FIFO Interrupt Interface
Transmit
Description
Transmitting messages with Programmed I/O
using FIFO Interrupt requires writing a fixed
number of data bytes, usually related to the
threshold, whenever the FIFO Interrupt becomes
active.
An appropriate FIFO Threshold value
allows the host to efficiently satsify the FIFO
service requests until the message transmission
is complete. For slow systems, the FIFO can be
manually filled with transmit data before the
transmitter is enabled.
Note: the FIFO will
automatically
request
service
before
the
transmitter is activated if the FIFO Threshold is
greater than zero.
Example: Transmit a 256-byte IrDA Message
1.
Set an appropriate FIFO Threshold for the
system type. For the greatest performance
advantage, pre-load the FIFO with transmit
data.
2.
Set the FIFO Interrupt Enable active and
activate the transmitter.
3.
Service the FIFO Interrupts as required. Set
the Data Done flag when all of the transmit
message data has been loaded (Figure 44).
DMA Enable
IOW
String Move
FIFO Data WRITE
Status READ
FIFO FULL
FIGURE 43 - PROGRAMMED I/O WRITE TIMING
DMA Enable
IOW
String Move
Tx Enable
TxServReq
FIFO Int. Enable
FIFO Interrupt
Data Done
EOM Interrupt
FIGURE 44 - INTERRUPT DRIVEN PROGRAMMED I/O TRANSMIT TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com