Electronic Components Datasheet Search
  English  ▼

X  

IRCC Datasheet(PDF) 58 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 58 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 54Page - SMSC Corporation IRCC Datasheet HTML 55Page - SMSC Corporation IRCC Datasheet HTML 56Page - SMSC Corporation IRCC Datasheet HTML 57Page - SMSC Corporation IRCC Datasheet HTML 58Page - SMSC Corporation IRCC Datasheet HTML 59Page - SMSC Corporation IRCC Datasheet HTML 60Page - SMSC Corporation IRCC Datasheet HTML 61Page - SMSC Corporation IRCC Datasheet HTML 62Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 79 page
background image
58
When active, the DATA DONE flag in Register
Block Zero, Line Control Register A alerts the
transmitter that the next FIFO underrun condition
signifies the end of the valid payload data and
that an EOF should begin (Figure 24). During
DMA operations TC automatically sets the DATA
DONE flag.
A message byte counter that is initialized with the
value in the data size register when the message
begins can also signal the end of the valid
payload data. If the message byte counter goes
to zero before the FIFO is empty and the Brick
Wall bit is one, a FIFO underrun with an active
DATA DONE flag is simulated, a hardware CRC
is appended (if required), and the next message
is brick walled (not shown).
If the FIFO is empty, the DATA DONE flag is
always cleared following the EOM, regardless of
how the bit was set. If the DATA DONE flag is
inactive
when
an
underrun
occurs,
the
transmitter aborts the message and set the Abort
and Underrun errors appropriately (Figure 25).
EOF
FCS
I
C
A
BOF
EOM
EOM Interrupt
Tx Enable
Active Frame
Data Done
FIFO Empty
FIGURE 24 - IrDA FIR TX MESSAGE TIMING (SOFTWARE CRC)
I
C
A
BOF
EOM
EOM Interrupt
Tx Enable
Active Frame
Data Done/TC
FIFO Empty
Underrun Error
Abort Error
Abort
FIGURE 25 - TX ABORT ON UNDERRUN TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com