Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300 Datasheet(PDF) 46 Page - Pericom Semiconductor Corporation

Part # PI7C7300
Description  3-PORT PCI-to-PCI BRIDGE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300 Datasheet(HTML) 46 Page - Pericom Semiconductor Corporation

Back Button PI7C7300 Datasheet HTML 42Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 43Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 44Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 46Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 47Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 48Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 50Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 46 OF 109
09/25/03 Revision 1.09
When a VGA-compatible device exists downstream from PI7C7300A, set the VGA
mode bit in the bridge control register in configuration space to enable VGA mode.
When PI7C7300A is operating in VGA mode, it forwards downstream those transactions
addressing the VGA frame buffer memory and VGA I/O registers, regardless of the
values of the base and limit address registers. PI7C7300A ignores transactions initiated
on the secondary interface addressing these locations.
The VGA frame buffer consists of the following memory address range:
000A 0000h–000B FFFFh
Read transactions to frame buffer memory are treated as non-prefetchable. PI7C7300A
requests only a single data transfer from the target, and read byte enable bits are
forwarded to the target bus.
The VGA I/O addresses are in the range of 3B0h–3BBh and 3C0h–3DFh I/O. These I/O
addresses are aliases every 1KB throughout the first 64KB of I/O space. This means that
address bits <15:10> are not decoded and can be any value, while address bits [31:16]
must be all 0s. VGA BIOS addresses starting at C0000h are not decoded in VGA mode.
5.4.2
VGA SNOOP MODE
PI7C7300A provides VGA snoop mode, allowing for VGA palette write transactions to
be forwarded downstream. This mode is used when a graphics device downstream from
PI7C7300A needs to snoop or respond to VGA palette write transactions. To enable the
mode, set the VGA snoop bit in the command register in configuration space. Note that
PI7C7300A claims VGA palette write transactions by asserting DEVSEL# in VGA
snoop mode.
When VGA snoop bit is set, PI7C7300A forwards downstream transactions within the
3C6h, 3C8h and 3C9h I/O addresses space. Note that these addresses are also forwarded
as part of the VGA compatibility mode previously described. Again, address bits
<15:10> are not decoded, while address bits <31:16> must be equal to 0, which means
that these addresses are aliases every 1KB throughout the first 64KB of I/O space.
Note: If both the VGA mode bit and the VGA snoop bit are set, PI7C7300A behaves in
the same way as if only the VGA mode bit were set.
6
TRANSACTION ORDERING
To maintain data coherency and consistency, PI7C7300A complies with the ordering
rules set forth in the PCI Local Bus Specification, Revision 2.2, for transactions crossing
the bridge. This chapter describes the ordering rules that control transaction forwarding
across PI7C7300A.
6.1
TRANSACTIONS GOVERNED BY ORDERING RULES
Ordering relationships are established for the following classes of transactions crossing
PI7C7300A:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com