Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300 Datasheet(PDF) 38 Page - Pericom Semiconductor Corporation

Part # PI7C7300
Description  3-PORT PCI-to-PCI BRIDGE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300 Datasheet(HTML) 38 Page - Pericom Semiconductor Corporation

Back Button PI7C7300 Datasheet HTML 34Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 37Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 38Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 41Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 42Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 38 OF 109
09/25/03 Revision 1.09
4.9.3.3
DELAYED READ TARGET TERMINATION RESPONSE
When PI7C7300A initiates a delayed read transaction, the abnormal target responses can
be passed back to the initiator. Other target responses depend on how much data the
initiator requests. Table 4-9 shows the response to each type of target termination that
occurs during a delayed read transaction.
PI7C7300A repeats a delayed read transaction until one of the following conditions is
met:
!
PI7C7300A completes at least one data transfer.
!
PI7C7300A receives a master abort.
!
PI7C7300A receives a target abort.
!
PI7C7300A makes 224 (default) read attempts resulting in a response of target retry.
Table 4-9 RESPONSE TO DELAYED READ TARGET TERMINATION
Target Termination
Response
Normal
If prefetchable, target disconnect only if initiator requests more data than read
from target. If non-prefetchable, target disconnect on first data phase.
Target Retry
Re-initiate read transaction to target
Target Disconnect
If initiator requests more data than read from target, return target disconnect to
initiator.
Target Abort
Return target abort to initiator. Set received target abort bit in the target
interface status register. Set signaled target abort bit in the initiator interface
status register.
After PI7C7300A makes 224(default) attempts of the same delayed read transaction on
the target bus, PI7C7300A asserts P_SERR# if the primary SERR# enable bit is set (bit 8
of command register for secondary bus S1 or S2) and the delayed-write-non-delivery bit
is not set. The delayed-write-non-delivery bit is bit 5 of P_SERR# event disable register
(offset 64h). PI7C7300A will report system error. See Section 7.4 for a description of
system error conditions.
4.9.4
TARGET TERMINATION INITIATED BY PI7C7300A
PI7C7300A can return a target retry, target disconnect, or target abort to an initiator for
reasons other than detection of that condition at the target interface.
4.9.4.1
TARGET RETRY
PI7C7300A returns a target retry to the initiator when it cannot accept write data or
return read data as a result of internal conditions. PI7C7300A returns a target retry to an
initiator when any of the following conditions is met:
For delayed write transactions:
!
The transaction is being entered into the delayed transaction queue.
!
Transaction has already been entered into delayed transaction queue, but target
response has not yet been received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com