Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300 Datasheet(PDF) 31 Page - Pericom Semiconductor Corporation

Part # PI7C7300
Description  3-PORT PCI-to-PCI BRIDGE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300 Datasheet(HTML) 31 Page - Pericom Semiconductor Corporation

Back Button PI7C7300 Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 34Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 35Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 31 OF 109
09/25/03 Revision 1.09
!
The bus command is a configuration read or configuration write transaction.
!
Lowest two address bits P_AD[1:0] must be 00b.
!
Signal P_IDSEL must be asserted.
Function code is either 0 for configuration space of S1, or 1 for configuration space of S2
as PI7C7300A is a multi-function device.
PI7C7300A limits all configuration access to a single DWORD data transfer and returns
target-disconnect with the first data transfer if additional data phases are requested.
Because read transactions to configuration space do not have side effects, all bytes in the
requested DWORD are returned, regardless of the value of the byte enable bits.
Type 0 configuration write and read transactions do not use data buffers; that is, these
transactions are completed immediately, regardless of the state of the data buffers. The
PI7C7300A ignores all Type 0 transactions initiated on the secondary interface.
4.8.2
TYPE 1 TO TYPE 0 CONVERSION
Type 1 configuration transactions are used specifically for device configuration in a
hierarchical PCI bus system. A PCI-to-PCI bridge is the only type of device that should
respond to a Type 1 configuration command. Type 1 configuration commands are used
when the configuration access is intended for a PCI device that resides on a PCI bus
other than the one where the Type 1 transaction is generated.
PI7C7300A performs a Type 1 to Type 0 translation when the Type 1 transaction is
generated on the primary bus and is intended for a device attached directly to the
secondary bus. PI7C7300A must convert the configuration command to a Type 0 format
so that the secondary bus device can respond to it. Type 1 to Type 0 translations are
performed only in the downstream direction; that is, PI7C7300A generates a Type 0
transaction only on the secondary bus, and never on the primary bus.
PI7C7300A responds to a Type 1 configuration transaction and translates it into a Type 0
transaction on the secondary bus when the following conditions are met during the
address phase:
!
The lowest two address bits on P_AD[1:0] are 01b.
!
The bus number in address field P_AD[23:16] is equal to the value in the secondary
bus number register in configuration space.
!
The bus command on P_CBE[3:0] is a configuration read or configuration write
transaction.
When PI7C7300A translates the Type 1 transaction to a Type 0 transaction on the
secondary interface, it performs the following translations to the address:
!
Sets the lowest two address bits on S1_AD[1:0] or S2_AD[1:0] to 00b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com