Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300 Datasheet(PDF) 83 Page - Pericom Semiconductor Corporation

Part # PI7C7300
Description  3-PORT PCI-to-PCI BRIDGE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300 Datasheet(HTML) 83 Page - Pericom Semiconductor Corporation

Back Button PI7C7300 Datasheet HTML 79Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 80Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 81Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 82Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 83Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 84Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 85Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 86Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 87Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 83 OF 109
09/25/03 Revision 1.09
14.1.28
ARBITER CONTROL REGISTER – OFFSET 40h
Bit
Function
Type
Description
23:16
Arbiter Control
R/W
Each bit controls whether a secondary bus master is assigned to the
high priority group or the low priority group.
Bits [23:16] correspond to request inputs S1_REQ[7:0] or
S2_REQ[6:0]
0: low priority
1: high priority
Reset to 0
24
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0
25
Priority of
Secondary
Interface
R/W
Controls whether the S1 or S2 interface of the bridge is in the high
priority group or the low priority group.
0: low priority
1: high priority
Reset to 1
26
Arbiter Park
Function
R/W
Controls the arbiter’s park function.
0: park to last master
1: park to bridge port S1 or S2
Reset to 0
31:27
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0.
14.1.29
UPSTREAM MEMORY CONTROL REGISTER – OFFSET 48h
Bit
Function
Type
Description
16
Upstream (S1 or
S2 to P) Memory
Base and Limit
Enable
R/W
0: Upstream memory is the entire range except the down stream
memory channel
1: Upstream memory is confined to upstream Memory Base and Limit
(See offset 50th and 54th for upstream memory range)
Reset to 0
17
Upstream (S1 or
S2 to P) Memory
Prefetchable
Enable
R/W
0: Upstream memory is prefetchable at Primary
1: Upstream memory is not prefetchable at Primary
Reset to 0
31:18
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0
14.1.30
HOT SWAP SWITCH TIME SLOT REGISTER – OFFSET 4Ch
Bit
Function
Type
Description
27:0
Hot Swap Time
Slot
R/W
Hot Swap time slot (15K PCI clocks)
Reset to 0003A98h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com