Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300 Datasheet(PDF) 32 Page - Pericom Semiconductor Corporation

Part # PI7C7300
Description  3-PORT PCI-to-PCI BRIDGE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300 Datasheet(HTML) 32 Page - Pericom Semiconductor Corporation

Back Button PI7C7300 Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 34Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 36Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 32 OF 109
09/25/03 Revision 1.09
!
Decodes the device number and drives the bit pattern specified in Table 4-6 on
S1_AD[31:16] or S2_AD[31:16] for the purpose of asserting the device’s IDSEL
signal.
!
Sets S1_AD[15:11] or S2_AD[15:11] to 0.
!
Leaves unchanged the function number and register number fields.
PI7C7300A asserts a unique address line based on the device number. These address
lines may be used as secondary bus IDSEL signals. The mapping of the address lines
depends on the device number in the Type 1 address bits P_AD[15:11]. Table 4-6
presents the mapping that PI7C7300A uses.
Table 4-6 DEVICE NUMBER TO IDSEL S1_AD OR S2_AD PIN MAPPING
Device Number
P_AD[15:11]
Secondary
IDSEL
S1_AD[31:16]
or
S2_AD[31:16]
S1_AD
or
S2_AD
0h
00000
0000 0000 0000 0001
16
1h
00001
0000 0000 0000 0010
17
2h
00010
0000 0000 0000 0100
18
3h
00011
0000 0000 0000 1000
19
4h
00100
0000 0000 0001 0000
20
5h
00101
0000 0000 0010 0000
21
6h
00110
0000 0000 0100 0000
22
7h
00111
0000 0000 1000 0000
23
8h
01000
0000 0001 0000 0000
24
9h
01001
0000 0010 0000 0000
25
Ah
01010
0000 0100 0000 0000
26
Bh
01011
0000 1000 0000 0000
27
Ch
01100
0001 0000 0000 0000
28
Dh
01101
0010 0000 0000 0000
29
Eh
01110
0100 0000 0000 0000
30
Fh
01111
1000 0000 0000 0000
31
10h – 1Eh
10000 – 11110
0000 0000 0000 0000
-
1Fh
11111
Generate special cycle (P_AD[7:2] = 00h)
0000 0000 0000 0000 (P_AD[7:2] = 00h)
-
PI7C7300A can assert up to 16 unique address lines to be used as IDSEL signals for up
to 16 devices on the secondary bus, for device numbers ranging from 0 through 15.
Because of electrical loading constraints of the PCI bus, more than 16 IDSEL signals
should not be necessary. However, if device numbers greater than 15 are desired, some
external method of generating IDSEL lines must be used, and no upper address bits are
then asserted. The configuration transaction is still translated and passed from the
primary bus to the secondary bus. If no IDSEL pin is asserted to a secondary device, the
transaction ends in a master abort.
PI7C7300A forwards Type 1 to Type 0 configuration read or write transactions as
delayed transactions. Type 1 to Type 0 configuration read or write transactions are
limited to a single 32-bit data transfer.
4.8.3
TYPE 1 TO TYPE 1 FORWARDING
Type 1 to Type 1 transaction forwarding provides a hierarchical configuration
mechanism when two or more levels of PCI-to-PCI bridges are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com