Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300 Datasheet(PDF) 23 Page - Pericom Semiconductor Corporation

Part # PI7C7300
Description  3-PORT PCI-to-PCI BRIDGE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300 Datasheet(HTML) 23 Page - Pericom Semiconductor Corporation

Back Button PI7C7300 Datasheet HTML 19Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 27Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 23 OF 109
09/25/03 Revision 1.09
A transfer of data occurs only when both IRDY# and TRDY# are asserted during the
same PCI clock cycle. The last data phase of a transaction is indicated when FRAME# is
de-asserted and both TRDY# and IRDY# are asserted, or when IRDY# and STOP# are
asserted. See Section 4.9 for further discussion of transaction termination.
Depending on the command type, PI7C7300A can support multiple data phase
PCI transactions. For detailed descriptions of how PI7C7300A imposes disconnect
boundaries, see Section 4.6.4 for write address boundaries and Section 4.7.3 read address
boundaries.
4.6
WRITE TRANSACTIONS
Write transactions are treated as either posted write or delayed write transactions.
Table 4-2 shows the method of forwarding used for each type of write operation.
Table 4-2 WRITE TRANSACTION FORWARDING
Type of Transaction
Type of Forwarding
Memory Write
Posted (except VGA memory)
Memory Write and Invalidate
Posted
Memory Write to VGA memory
Delayed
I/O Write
Delayed
Type 1 Configuration Write
Delayed
4.6.1
MEMORY WRITE TRANSACTIONS
Posted write forwarding is used for “Memory Write” and “Memory Write and
Invalidate” transactions.
When PI7C7300A determines that a memory write transaction is to be forwarded across
the bridge, PI7C7300A asserts DEVSEL# with medium timing and TRDY# in the next
cycle, provided that enough buffer space is available in the posted memory write queue
for the address and at least one DWORD of data. Under this condition, PI7C7300A
accepts write data without obtaining access to the target bus. The PI7C7300A can accept
one DWORD of write data every PCI clock cycle. That is, no target wait state is inserted.
The write data is stored in an internal posted write buffers and is subsequently delivered
to the target. The PI7C7300A continues to accept write data until one of the following
events occurs:
!
The initiator terminates the transaction by de-asserting FRAME# and IRDY#.
!
An internal write address boundary is reached, such as a cache line boundary or an
aligned 4KB boundary, depending on the transaction type.
!
The posted write data buffer fills up.
When one of the last two events occurs, the PI7C7300A returns a target disconnect to the
requesting initiator on this data phase to terminate the transaction.
Once the posted write data moves to the head of the posted data queue, PI7C7300A
asserts its request on the target bus. This can occur while PI7C7300A is still receiving
data on the initiator bus. When the grant for the target bus is received and the target bus
is detected in the idle condition, PI7C7300A asserts FRAME# and drives the stored write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com