Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300 Datasheet(PDF) 52 Page - Pericom Semiconductor Corporation

Part # PI7C7300
Description  3-PORT PCI-to-PCI BRIDGE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300 Datasheet(HTML) 52 Page - Pericom Semiconductor Corporation

Back Button PI7C7300 Datasheet HTML 48Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 50Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 51Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 52Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 53Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 54Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 55Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 56Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 52 OF 109
09/25/03 Revision 1.09
!
PI7C7300A sets the data parity detected bit in the secondary status register, if the
secondary interface parity error response bit is set in the bridge control register.
!
PI7C7300A forwards the bad parity with the data back to the initiator on the primary
bus. If the data with the bad parity is pre-fetched and is not read by the initiator on
the primary bus, the data is discarded and the data with bad parity is not returned to
the initiator.
!
PI7C7300A completes the transaction normally.
For upstream transactions, when PI7C7300A detects a read data parity error on the
primary bus, the following events occur:
!
PI7C7300A asserts P_PERR# two cycles following the data transfer, if the primary
interface parity error response bit is set in the command register.
!
PI7C7300A sets the detected parity error bit in the primary status register.
!
PI7C7300A sets the data parity detected bit in the primary status register, if the
primary interface parity-error-response bit is set in the command register.
!
PI7C7300A forwards the bad parity with the data back to the initiator on the
secondary bus. If the data with the bad parity is pre-fetched and is not read by the
initiator on the secondary bus, the data is discarded and the data with bad parity is
not returned to the initiator.
!
PI7C7300A completes the transaction normally.
PI7C7300A returns to the initiator the data and parity that was received from the target.
When the initiator detects a parity error on this read data and is enabled to report it, the
initiator asserts PERR# two cycles after the data transfer occurs. It is assumed that the
initiator takes responsibility for handling a parity error condition; therefore, when
PI7C7300A detects PERR# asserted while returning read data to the initiator,
PI7C7300A does not take any further action and completes the transaction normally.
7.2.3
DELAYED WRITE TRANSACTIONS
When PI7C7300A detects a data parity error during a delayed write transaction, the
initiator drives data and data parity, and the target checks parity and conditionally asserts
PERR#.
For delayed write transactions, a parity error can occur at the following times:
!
During the original delayed write request transaction
!
When the initiator repeats the delayed write request transaction
!
When PI7C7300A completes the delayed write transaction to the target
When a delayed write transaction is normally queued, the address, command, address
parity, data, byte enable bits, and data parity are all captured and a target retry is returned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com