Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300 Datasheet(PDF) 84 Page - Pericom Semiconductor Corporation

Part # PI7C7300
Description  3-PORT PCI-to-PCI BRIDGE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300 Datasheet(HTML) 84 Page - Pericom Semiconductor Corporation

Back Button PI7C7300 Datasheet HTML 80Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 81Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 82Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 83Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 84Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 85Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 86Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 87Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 88Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 84 OF 109
09/25/03 Revision 1.09
Bit
Function
Type
Description
30:28
Secondary Bus
Master
Preemption
Control
R/W
Sets the number of clocks for time-to-preempt after another master
request.
000: 32 clocks
001: 8 clocks
010: 16 clocks
011: 64 clocks
100: 128 clocks
Reset to 000
31
Preemption
R/W
Sets preemption.
0: preemption ON
1: preemption OFF
Reset to 0
14.1.31
UPSTREAM (S1 or S2 to P) MEMORY BASE REGISTER –
OFFSET 50h
Bit
Function
Type
Description
3:0
64 bit addressing
R/O
0: 32 bit addressing
1: 64 bit addressing
Reset to 1
15:4
Upstream
Memory Base
Address
R/W
Controls upstream memory base address.
Reset to 00000000h
14.1.32
UPSTREAM (S1 or S2 to P) MEMORY LIMIT REGISTER –
OFFSET 50h
Bit
Function
Type
Description
19:16
64 bit addressing
R/O
0: 32 bit addressing
1: 64 bit addressing
Reset to 1
31:20
Upstream
Memory Limit
Address
R/W
Controls upstream memory limit address.
Reset to 000FFFFFh
14.1.33
UPSTREAM (S1 or S2 to P) MEMORY BASE UPPER 32-BITS
REGISTER – OFFSET 54h
Bit
Function
Type
Description
31:0
Upstream
Memory Base
Address
R/W
Defines bits [63:32] of the upstream memory base
Reset to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com