Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300 Datasheet(PDF) 33 Page - Pericom Semiconductor Corporation

Part # PI7C7300
Description  3-PORT PCI-to-PCI BRIDGE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300 Datasheet(HTML) 33 Page - Pericom Semiconductor Corporation

Back Button PI7C7300 Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 34Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 37Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 33 OF 109
09/25/03 Revision 1.09
When PI7C7300A detects a Type 1 configuration transaction intended for a PCI bus
downstream from the secondary bus, PI7C7300A forwards the transaction unchanged to
the secondary bus. Ultimately, this transaction is translated to a Type 0 configuration
command or to a special cycle transaction by a downstream PCI-to-PCI bridge.
Downstream Type 1 to Type 1 forwarding occurs when the following conditions are met
during the address phase:
!
The lowest two address bits are equal to 01b.
!
The bus number falls in the range defined by the lower limit (exclusive) in the
secondary bus number register and the upper limit (inclusive) in the subordinate bus
number register.
!
The bus command is a configuration read or write transaction.
PI7C7300A also supports Type 1 to Type 1 forwarding of configuration write
transactions upstream to support upstream special cycle generation. A Type 1
configuration command is forwarded upstream when the following conditions are met:
!
The lowest two address bits are equal to 01b.
!
The bus number falls outside the range defined by the lower limit (inclusive)
in the secondary bus number register and the upper limit (inclusive) in the
subordinate bus number register.
!
The device number in address bits AD[15:11] is equal to 11111b.
!
The function number in address bits AD[10:8] is equal to 111b.
!
The bus command is a configuration write transaction.
The PI7C7300A forwards Type 1 to Type 1 configuration write transactions as delayed
transactions. Type 1 to Type 1 configuration write transactions are limited to a single
data transfer.
4.8.4
SPECIAL CYCLES
The Type 1 configuration mechanism is used to generate special cycle transactions in
hierarchical PCI systems. Special cycle transactions are ignored by acting as a target and
are not forwarded across the bridge. Special cycle transactions can be generated from
Type 1 configuration write transactions in either the upstream or the down-stream
direction.
PI7C7300A initiates a special cycle on the target bus when a Type 1 configuration write
transaction is being detected on the initiating bus and the following conditions are met
during the address phase:
!
The lowest two address bits on AD[1:0] are equal to 01b.
!
The device number in address bits AD[15:11] is equal to 11111b.
!
The function number in address bits AD[10:8] is equal to 111b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com