Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300 Datasheet(PDF) 86 Page - Pericom Semiconductor Corporation

Part # PI7C7300
Description  3-PORT PCI-to-PCI BRIDGE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300 Datasheet(HTML) 86 Page - Pericom Semiconductor Corporation

Back Button PI7C7300 Datasheet HTML 82Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 83Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 84Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 85Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 86Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 87Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 88Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 89Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 90Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 86 OF 109
09/25/03 Revision 1.09
Bit
Function
Type
Description
6
Delayed Read –
No Data From
Target
R/W
Controls PI7C7300A’s ability to assert P_SERR# when it is unable to
transfer any read data from the target after 224 attempts.
0: P_SERR# is asserted if this event occurs and the SERR# enable bit
in the command register is set
1: P_SERR# is not asserted if this event occurs
Reset to 0
7
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0
14.1.36
SECONDARY CLOCK CONTROL REGISTER – OFFSET 68h
Configuration Register 1
Bit
Function
Type
Description
1:0
Clock 0 disable
R/W
If either bit is 0, then S1_CLKOUT [0] is enabled.
If both bits are 1, the S1_CLKOUT [0] is disabled.
3:2
Clock 1 disable
R/W
If either bit is 0, then S1_CLKOUT [1] is enabled.
If both bits are 1, the S1_CLKOUT [1] is disabled.
5:4
Clock 2 disable
R/W
If either bit is 0, then S1_CLKOUT [2] is enabled.
If both bits are 1, the S1_CLKOUT [2] is disabled.
7:6
Clock 3 disable
R/W
If either bit is 0, then S1_CLKOUT [3] is enabled.
If both bits are 1, the S1_CLKOUT [3] is disabled.
9:8
Clock 4 disable
R/W
If either bit is 0, then S1_CLKOUT [4] is enabled.
If both bits are 1, the S1_CLKOUT [4] is disabled.
11:10
Clock 5 disable
R/W
If either bit is 0, then S1_CLKOUT [5] is enabled.
If both bits are 1, the S1_CLKOUT [5] is disabled.
13:12
Clock 6 disable
R/W
If either bit is 0, then S1_CLKOUT [6] is enabled.
If both bits are 1, the S1_CLKOUT [6] is disabled.
15:14
Clock 7 disable
R/W
If either bit is 0, then S1_CLKOUT [7] is enabled.
If both bits are 1, the S1_CLKOUT [7] is disabled.
Configuration Register 2
Bit
Function
Type
Description
1:0
Clock 0 disable
R/W
If either bit is 0, then S2_CLKOUT [0] is enabled.
If both bits are 1, the S2_CLKOUT [0] is disabled.
3:2
Clock 1 disable
R/W
If either bit is 0, then S2_CLKOUT [1] is enabled.
If both bits are 1, the S2_CLKOUT [1] is disabled.
5:4
Clock 2 disable
R/W
If either bit is 0, then S2_CLKOUT [2] is enabled.
If both bits are 1, the S2_CLKOUT [2] is disabled.
7:6
Clock 3 disable
R/W
If either bit is 0, then S2_CLKOUT [3] is enabled.
If both bits are 1, the S2_CLKOUT [3] is disabled.
9:8
Clock 4 disable
R/W
If either bit is 0, then S2_CLKOUT [4] is enabled.
If both bits are 1, the S2_CLKOUT [4] is disabled.
11:10
Clock 5 disable
R/W
If either bit is 0, then S2_CLKOUT [5] is enabled.
If both bits are 1, the S2_CLKOUT [5] is disabled.
13:12
Clock 6 disable
R/W
If either bit is 0, then S2_CLKOUT [6] is enabled.
If both bits are 1, the S2_CLKOUT [6] is disabled.
15:14
Clock 7 disable
R/W
If either bit is 0, then S2_CLKOUT [7] is enabled.
If both bits are 1, the S2_CLKOUT [7] is disabled.
14.1.37
PORT OPTION REGISTER – OFFSET 74h
Bit
Function
Type
Description
0
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com