| Electronic Components Datasheet Search |
|
PI7C7300 Datasheet(PDF) 14 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C7300 Datasheet(HTML) 14 Page - Pericom Semiconductor Corporation |
|
14 / 109 page ![]() PI7C7300A 3-PORT PCI-TO-PCI BRIDGE ADVANCE INFORMATION Page 14 OF 109 09/25/03 Revision 1.09 Name Pin # Type Description P_IRDY# V13 PSTS Primary IRDY (Active LOW). Driven by the initiator of a transaction to indicate its ability to complete current data phase on the primary side. Once asserted in a data phase, it is not de-asserted until the end of the data phase. Before tri-stated, it is driven to a de-asserted state for one cycle. P_TRDY# U13 PSTS Primary TRDY (Active LOW). Driven by the target of a transaction to indicate its ability to complete current data phase on the primary side. Once asserted in a data phase, it is not de-asserted until the end of the data phase. Before tri-stated, it is driven to a de-asserted state for one cycle. P_DEVSEL# Y14 PSTS Primary Device Select (Active LOW). Asserted by the target indicating that the device is accepting the transaction. As a master, PI7C7300A waits for the assertion of this signal within 5 cycles of P_FRAME# assertion; otherwise, terminate with master abort. Before tri-stated, it is driven to a de-asserted state for one cycle. P_STOP# W14 PSTS Primary STOP (Active LOW). Asserted by the target indicating that the target is requesting the initiator to stop the current transaction. Before tri-stated, it is driven to a de-asserted state for one cycle. P_LOCK# V14 PSTS Primary LOCK (Active LOW). Asserted by the master for multiple transactions to complete. P_IDSEL Y10 PI Primary ID Select. Used as a chip select line for Type 0 configuration accesses to PI7C7300A configuration space. P_PERR# Y15 PSTS Primary Parity Error (Active LOW). Asserted when a data parity error is detected for data received on the primary interface. Before being tri-stated, it is driven to a de-asserted state for one cycle. P_SERR# W15 POD Primary System Error (Active LOW). Can be driven LOW by any device to indicate a system error condition. PI7C7300A drives this pin on: ! Address parity error ! Posted write data parity error on target bus ! Secondary S1_SERR# or S2_SERR# asserted ! Master abort during posted write transaction ! Target abort during posted write transaction ! Posted write transaction discarded ! Delayed write request discarded ! Delayed read request discarded ! Delayed transaction master timeout This signal requires an external pull-up resistor for proper operation. P_REQ# W6 PTS Primary Request (Active LOW). This is asserted by PI7C7300A to indicate that it wants to start a transaction on the primary bus. PI7C7300A de-asserts this pin for at least 2 PCI clock cycles before asserting it again. P_GNT# U7 PI Primary Grant (Active LOW). When asserted, PI7C7300A can access the primary bus. During idle and P_GNT# asserted, PI7C7300A will drive P_AD, P_CBE, and P_PAR to valid logic levels. P_RESET# Y5 PI Primary RESET (Active LOW). When P_RESET# is active, all PCI signals should be asynchronously tri-stated. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |