Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9681
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9681 Datasheet HTML 33Page - Analog Devices AD9681 Datasheet HTML 34Page - Analog Devices AD9681 Datasheet HTML 35Page - Analog Devices AD9681 Datasheet HTML 36Page - Analog Devices AD9681 Datasheet HTML 37Page - Analog Devices AD9681 Datasheet HTML 38Page - Analog Devices AD9681 Datasheet HTML 39Page - Analog Devices AD9681 Datasheet HTML 40Page - Analog Devices AD9681 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
AD9681
Data Sheet
Rev. C | Page 36 of 40
Output Phase (Register 0x16)
Bit 7—Open
Bits[6:4]—Input Clock Phase Adjust
When the clock divider (Register 0x0B) is used, the applied
clock is at a higher frequency than the internal sampling clock.
Bits[6:4] determine at which phase of the external clock the
sampling occurs. This is applicable only when the clock divider
is used. It is prohibited to select a value for Bits[6:4] that is greater
than the value of Bits[2:0], Register 0x0B. See Table 19 for more
information.
Table 19. Input Clock Phase Adjust Options
Input Clock Phase
Adjust, Bits[6:4]
Number of Input Clock Cycles of
Phase Delay
000 (Default)
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
Bits[3:0]—Output Clock Phase Adjust
See Table 20 for more information.
Table 20. Output Clock Phase Adjust Options
Output Clock Phase
Adjust, Bits[3:0]
DCO Phase Adjustment (Degrees
Relative to D0±x/D1±x Edge)
0000
0
0001
60
0010
120
0011 (Default)
180
0100
240
0101
300
0110
360
0111
420
1000
480
1001
540
1010
600
1011
660
Serial Output Data Control (Register 0x21)
The serial output data control register programs the AD9681
in various output data modes, depending on the data capture
solution. Table 21 describes the various serialization options
available in the AD9681.
Resolution/Sample Rate Override (Register 0x100)
This register is designed to allow the user to downgrade the device
(that is, establish lower power) for applications that do not require
full sample rate. Settings in this register are not initialized until Bit 0
of the transfer register (Register 0xFF) is set to 1.
This function does not affect the sample rate; it affects the
maximum sample rate capability of the ADC, as well as the
resolution.
User I/O Control 2 (Register 0x101)
Bits[7:1]—Open
Bit 0—SDIO Pull-Down
Set Bit 0 = 1 to disable the internal 30 kΩ pull-down on the
SDIO/OLM pin. This feature limits loading when many devices
are connected to the SPI bus.
User I/O Control 3 (Register 0x102)
Bits[7:4]—Open
Bit 3—VCM Power-Down
Set Bit 3 = 1 to power down the internal VCM generator. This
feature is used when applying an external reference.
Bits[2:0]—Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com