Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9681
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9681 Datasheet HTML 24Page - Analog Devices AD9681 Datasheet HTML 25Page - Analog Devices AD9681 Datasheet HTML 26Page - Analog Devices AD9681 Datasheet HTML 27Page - Analog Devices AD9681 Datasheet HTML 28Page - Analog Devices AD9681 Datasheet HTML 29Page - Analog Devices AD9681 Datasheet HTML 30Page - Analog Devices AD9681 Datasheet HTML 31Page - Analog Devices AD9681 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Data Sheet
AD9681
Rev. C | Page 27 of 40
Data from each ADC is serialized and provided on a separate
channel in two lanes in DDR mode, which is the default condition.
In the default condition, the data rate for each serial stream is
equal to 8 bits times the sample clock rate, with a maximum of
1 Gbps/lane ((8 bits × 125 MSPS) = 1 Gbps/lane). If one-lane
mode is used, the bit rate doubles. To keep within the 1 Gbps
limit, the maximum allowable sample rate is 62.5 MSPS in one-
lane mode. The lowest typical conversion rate is 10 MSPS. For
conversion rates of less than 20 MSPS, the SPI must be used to
reconfigure the integrated PLL. See Register 0x21 in the
Memory Map section for details on enabling this feature
Two output clock types are provided to assist in capturing data
from the AD9681. DCO±1 and DCO±2 are used to clock the
output data and their frequency is equal to 4× the sample clock
(CLK±) rate for the default mode of operation. Data is clocked out
of the AD9681 and must be captured on the rising and falling edges
of the DCO that supports double data rate (DDR) capturing.
DCO±1 is used to capture the D0±x1/D1±x1 (Bank 1) data;
DCO±2 is used to capture the D0±x2/D1±x2 (Bank 2) data.
FCO±1 and FCO±2 signal the start of a new output byte and
toggle at a rate equal to the sample clock rate in 1× frame mode.
FCO±1 frames the D0±x1/D1±x1 (Bank 1) data and FCO±2
frames the D0±x2/ D1±x2 (Bank 2) data. See the Timing
Diagrams section for more information.
When the SPI is used, the DCO phase can be adjusted in 60°
increments relative to one data cycle (30° relative to one DCO
cycle). This enables the user to refine system timing margins if
required. The default DCO±1 and DCO±2 to output data edge
timing, as shown in Figure 3, is 180° relative to one data cycle
(90° relative to one DCO cycle).
A 12-bit serial stream can also be initiated from the SPI. This
allows the user to implement and test compatibility to lower
resolution systems. When changing the resolution to a 12-bit
serial stream, the data stream is shortened. See Figure 4 for the
12-bit example. However, in the default option with the serial
output number of bits at 16, the data stream stuffs two 0s at the
end of the 14-bit serial data.
In default mode, as shown in Figure 3, the MSB is first in the
data output serial stream. This can be inverted so that the LSB is
first in the data output serial stream by using the SPI.
There are 12 digital output test pattern options available that
can be initiated through the SPI. This is a useful feature when
validating receiver capture and timing (see Table 11 for the output
bit sequencing options that are available). Some test patterns
have two serial sequential words and can alternate in various
ways, depending on the test pattern chosen. Note that some
patterns do not adhere to the data format select option. In
addition, custom user defined test patterns can be assigned in
Register 0x19, Register 0x1A, Register 0x1B, and Register 0x1C.
Table 11. Flexible Output Test Modes
Output Test Mode Bit
Sequence (Reg. 0x0D)
Pattern Name
Digital Output Word 1
Digital Output Word 2
Subject to Data
Format Select
Notes
0000
Off (default)
Not applicable
Not applicable
Not applicable
0001
Midscale short
1000 0000 0000 (12-bit)
1000 0000 0000 0000 (16-bit)
Not applicable
Yes
Offset binary
code shown
0010
+Full-scale short
1111 1111 1111 (12-bit)
1111 1111 1111 1100 (16-bit)
Not applicable
Yes
Offset binary
code shown
0011
−Full-scale short
0000 0000 0000 (12-bit)
0000 0000 0000 0000 (16-bit)
Not applicable
Yes
Offset binary
code shown
0100
Checkerboard
1010 1010 1010 (12-bit)
1010 1010 1010 1000 (16-bit)
0101 0101 0101 (12-bit)
0101 0101 0101 0100 (16-bit)
No
0101
PN sequence long1
Not applicable
Not applicable
Yes
PN23
ITU 0.150
X23 + X18 + 1
0110
PN sequence short1
Not applicable
Not applicable
Yes
PN9
ITU 0.150
X9 + X5 + 1
0111
One-/zero-word
toggle
1111 1111 1111 (12-bit)
111 1111 1111 1100 (16-bit)
0000 0000 0000 (12-bit)
0000 0000 0000 0000 (16-bit)
No
1000
User input
Register 0x19 to Register 0x1A
Register 0x1B to Register 0x1C
No
1001
1-/0-bit toggle
1010 1010 1010 (12-bit)
1010 1010 1010 1000 (16-bit)
Not applicable
No
1010
1× sync
0000 0011 1111 (12-bit)
0000 0001 1111 1100 (16-bit)
Not applicable
No
1011
One bit high
1000 0000 0000 (12-bit)
1000 0000 0000 0000 (16-bit)
Not applicable
No
Pattern
associated with
the external pin
1100
Mixed bit frequency
1010 0011 0011 (12-bit)
1010 0001 1001 1100 (16-bit)
Not applicable
No
1 All test mode options except PN sequence short and PN sequence long can support 12-bit to 16-bit word lengths to verify data capture to the receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com