Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9681
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9681 Datasheet HTML 33Page - Analog Devices AD9681 Datasheet HTML 34Page - Analog Devices AD9681 Datasheet HTML 35Page - Analog Devices AD9681 Datasheet HTML 36Page - Analog Devices AD9681 Datasheet HTML 37Page - Analog Devices AD9681 Datasheet HTML 38Page - Analog Devices AD9681 Datasheet HTML 39Page - Analog Devices AD9681 Datasheet HTML 40Page - Analog Devices AD9681 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
Data Sheet
AD9681
Rev. C | Page 37 of 40
Table 21. SPI Register Options
Register 0x21 Contents
Serialization Options Selected
DCO
Multiplier
Timing Diagram
Serial Output
Number of Bits
(SONB)
Frame Mode
Serial Data Mode
0x30
16-bit
1×
DDR two-lane, bytewise
4 × fS
Figure 3 (default setting)
0x20
16-bit
1×
DDR two-lane, bitwise
4 × fS
Figure 3
0x10
16-bit
1×
SDR two-lane, bytewise
8 × fS
Figure 3
0x00
16-bit
1×
SDR two-lane, bitwise
8 × fS
Figure 3
0x34
16-bit
2×
DDR two-lane, bytewise
4 × fS
Figure 5
0x24
16-bit
2×
DDR two-lane, bitwise
4 × fS
Figure 5
0x14
16-bit
2×
SDR two-lane, bytewise
8 × fS
Figure 5
0x04
16-bit
2×
SDR two-lane, bitwise
8 × fS
Figure 5
0x40
16-bit
1×
DDR one-lane, wordwise
8 × fS
Figure 7
0x32
12-bit
1×
DDR two-lane, bytewise
3 × fS
Figure 4
0x22
12-bit
1×
DDR two-lane, bitwise
3 × fS
Figure 4
0x12
12-bit
1×
SDR two-lane, bytewise
6 × fS
Figure 4
0x02
12-bit
1×
SDR two-lane, bitwise
6 × fS
Figure 4
0x36
12-bit
2×
DDR two-lane, bytewise
3 × fS
Figure 6
0x26
12-bit
2×
DDR two-lane, bitwise
3 × fS
Figure 6
0x16
12-bit
2×
SDR two-lane, bytewise
6 × fS
Figure 6
0x06
12-bit
2×
SDR two-lane, bitwise
6 × fS
Figure 6
0x42
12-bit
1×
DDR one-lane, wordwise
6 × fS
Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com