Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9681
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9681 Datasheet HTML 23Page - Analog Devices AD9681 Datasheet HTML 24Page - Analog Devices AD9681 Datasheet HTML 25Page - Analog Devices AD9681 Datasheet HTML 26Page - Analog Devices AD9681 Datasheet HTML 27Page - Analog Devices AD9681 Datasheet HTML 28Page - Analog Devices AD9681 Datasheet HTML 29Page - Analog Devices AD9681 Datasheet HTML 30Page - Analog Devices AD9681 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
AD9681
Data Sheet
Rev. C | Page 26 of 40
Figure 51 shows an example of the LVDS output using the
ANSI-644 standard (default) data eye and a time interval error
(TIE) jitter histogram with trace lengths of less than 24 inches
on standard FR-4 material.
Figure 52 shows an example of trace lengths exceeding 24 inches
on standard FR-4 material. Note that the TIE jitter histogram
reflects the decrease of the data eye opening as the edge deviates
from the ideal position.
6k
7k
1k
2k
3k
5k
4k
0
200ps
250ps
300ps
350ps
400ps
450ps
500ps
500
400
300
200
100
–500
–400
–300
–200
–100
0
–0.8ns
–0.4ns
0ns
0.4ns
0.8ns
EYE: ALL BITS
ULS: 7000/400354
Figure 51. Data Eye for LVDS Outputs in ANSI-644 Mode with Trace Lengths
of Less Than 24 Inches on Standard FR-4 Material, External 100 Ω Far End
Termination Only
It is the responsibility of the user to determine if the waveforms
meet the timing budget of the design when the trace lengths exceed
24 inches. Additional SPI options allow the user to further increase
the internal termination (increasing the current) of all eight outputs
to drive longer trace lengths, which can be achieved by program-
ming Register 0x15. Although this option produces sharper rise
and fall times on the data edges and is less prone to bit errors, it
also increases the power dissipation of the DRVDD supply.
500
400
300
200
100
–500
–400
–300
–200
–100
0
–0.8ns
–0.4ns
0ns
0.4ns
–0.8ns
EYE: ALL BITS
ULS: 8000/414024
10k
12k
2k
4k
6k
8k
0k
–800ps –600ps –400ps –200ps
0ps
200ps
400ps
600ps
Figure 52. Data Eye for LVDS Outputs in ANSI-644 Mode with Trace Lengths of
Greater Than 24 Inches on Standard FR-4 Material, External 100 Ω Far End
Termination Only
The default format of the output data is twos complement.
Table 10 shows an example of the output coding format. To change
the output data format to offset binary, see the Memory Map
section, Register 0x14, Bit[0].
Table 10. Digital Output Coding
Input (V)
Condition (V)
Offset Binary Output Mode
Twos Complement Mode
VIN+ − VIN−
<−VREF − 0.5 LSB
0000 0000 0000 0000
1000 0000 0000 0000
VIN+ − VIN−
−VREF
0000 0000 0000 0000
1000 0000 0000 0000
VIN+ − VIN−
0 V
1000 0000 0000 0000
0000 0000 0000 0000
VIN+ − VIN−
+VREF − 1.0 LSB
1111 1111 1111 1100
0111 1111 1111 1100
VIN+ − VIN−
>+VREF − 0.5 LSB
1111 1111 1111 1100
0111 1111 1111 1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com