Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9681
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9681 Datasheet HTML 13Page - Analog Devices AD9681 Datasheet HTML 14Page - Analog Devices AD9681 Datasheet HTML 15Page - Analog Devices AD9681 Datasheet HTML 16Page - Analog Devices AD9681 Datasheet HTML 17Page - Analog Devices AD9681 Datasheet HTML 18Page - Analog Devices AD9681 Datasheet HTML 19Page - Analog Devices AD9681 Datasheet HTML 20Page - Analog Devices AD9681 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
AD9681
Data Sheet
Rev. C | Page 16 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
0
–20
–40
–60
–80
–100
–120
–140
0
1020
30405060
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 9.7MHz
SNR = 74.99dBFS
SINAD = 73.96dBc
SFDR = 96.4dBc
Figure 11. Single-Tone 32k FFT with fIN = 9.7 MHz; fSAMPLE = 125 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
1020
30405060
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 19.7MHz
SNR = 74.77dBFS
SINAD = 73.7dBc
SFDR = 94.2dBc
Figure 12. Single-Tone 32k FFT with fIN = 19.7 MHz; fSAMPLE = 125 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
1020
30405060
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 69.5MHz
SNR = 73.85dBFS
SINAD = 72.76dBc
SFDR = 90dBc
Figure 13. Single-Tone 32k FFT with fIN = 69.5 MHz; fSAMPLE = 125 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
1020
30405060
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 139.5MHz
SNR = 71.73dBFS
SINAD = 70.63dBc
SFDR = 87.9dBc
Figure 14. Single-Tone 32k FFT with fIN = 139.5 MHz; fSAMPLE = 125 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
1020
30405060
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 201MHz
SNR = 69.71dBFS
SINAD = 68.56dBc
SFDR = 84.1dBc
Figure 15. Single-Tone 32k FFT with fIN = 201 MHz; fSAMPLE = 125 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
1020
30405060
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 301MHz
SNR = 66.97dBFS
SINAD = 65.22dBc
SFDR = 75.8dBc
Figure 16. Single-Tone 32k FFT with fIN = 301 MHz; fSAMPLE = 125 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com