Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9681
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9681 Datasheet HTML 15Page - Analog Devices AD9681 Datasheet HTML 16Page - Analog Devices AD9681 Datasheet HTML 17Page - Analog Devices AD9681 Datasheet HTML 18Page - Analog Devices AD9681 Datasheet HTML 19Page - Analog Devices AD9681 Datasheet HTML 20Page - Analog Devices AD9681 Datasheet HTML 21Page - Analog Devices AD9681 Datasheet HTML 22Page - Analog Devices AD9681 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
AD9681
Data Sheet
Rev. C | Page 18 of 40
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
OUTPUT CODE
1
2000
4000
6000
8000
10000 12000 14000 16000
Figure 22. INL; fIN = 9.7 MHz, fSAMPLE = 125 MSPS
0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
OUTPUT CODE
1
2000
4000
6000
8000
10000 12000 14000 16000
Figure 23. DNL; fIN = 9.7 MHz, fSAMPLE = 125 MSPS
900000
800000
700000
600000
500000
400000
300000
200000
100000
0
OUTPUT CODE
0.99 LSB RMS
Figure 24. Input Referred Noise Histogram; fSAMPLE = 125 MSPS
110
105
100
95
90
85
80
75
70
65
60
SAMPLE RATE (MSPS)
20
130
120
110
100
90
80
70
60
50
40
30
SNRFS (dBFS)
SFDR (dBc)
Figure 25. SNR/SFDR vs. Sample Rate; fIN = 9.7 MHz, fSAMPLE = 125 MSPS
110
105
100
95
90
85
80
75
70
65
60
SAMPLE RATE (MSPS)
20
130
120
110
100
90
80
70
60
50
40
30
SNRFS (dBFS)
SFDR (dBc)
Figure 26. SNR/SFDR vs. Sample Rate; fIN = 70 MHz, fSAMPLE = 125 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com