Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9681
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9681 Datasheet HTML 14Page - Analog Devices AD9681 Datasheet HTML 15Page - Analog Devices AD9681 Datasheet HTML 16Page - Analog Devices AD9681 Datasheet HTML 17Page - Analog Devices AD9681 Datasheet HTML 18Page - Analog Devices AD9681 Datasheet HTML 19Page - Analog Devices AD9681 Datasheet HTML 20Page - Analog Devices AD9681 Datasheet HTML 21Page - Analog Devices AD9681 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Data Sheet
AD9681
Rev. C | Page 17 of 40
120
–20
–100
0
INPUT AMPLITUDE (dBFS)
0
20
40
60
80
100
–90
–80
–70
–60
–50
–40
–30
–20
–10
SNR (dB)
SFDR (dBc)
SNRFS (dBFS)
SFDR (dBFS)
Figure 17. SNR/SFDR vs. Input Amplitude (AIN); fIN = 9.7 MHz;
fSAMPLE = 125 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
1020
30405060
FREQUENCY (MHz)
AIN = –7dBFS
fIN = 70MHz, 72.5MHz
IMD2 = –100dBc
IMD3 = –99.5dBc
SFDR = 97.5dBc
F2–F1
F1+F2
F1+2F2
2F1+F2
2F2–F1
2F1–F2
Figure 18. Two-Tone 32k FFT with fIN1 = 70.5 MHz and fIN2 = 72.5 MHz;
fSAMPLE = 125 MSPS
0
–20
–40
–60
–80
–100
–120
–90
–10
–20
–30
–40
–50
–60
–70
–80
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
IMD3 (dBc)
SFDR (dBFS)
IMD3 (dBFS)
Figure 19. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 70.0 MHz and fIN2 = 72.5 MHz; fSAMPLE = 125 MSPS
100
90
80
70
60
50
40
30
20
10
0
0
50
100
150
200
250
300
350
400
450
500
INPUT FREQUENCY (MHz)
SNRFS (dBFS)
SFDR (dBc)
Figure 20. SNR/SFDR vs. fIN; fSAMPLE = 125 MSPS
100
95
90
85
80
75
70
–40
–15
10
35
60
85
TEMPERATURE (°C)
SNRFS (dBFS)
SFDR (dBc)
Figure 21. SNR/SFDR vs. Temperature; fIN = 9.7 MHz, fSAMPLE = 125 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com