Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9681
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9681 Datasheet HTML 30Page - Analog Devices AD9681 Datasheet HTML 31Page - Analog Devices AD9681 Datasheet HTML 32Page - Analog Devices AD9681 Datasheet HTML 33Page - Analog Devices AD9681 Datasheet HTML 34Page - Analog Devices AD9681 Datasheet HTML 35Page - Analog Devices AD9681 Datasheet HTML 36Page - Analog Devices AD9681 Datasheet HTML 37Page - Analog Devices AD9681 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Data Sheet
AD9681
Rev. C | Page 33 of 40
Reg.
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Comments
0x0C
Enhancement
control
Open
Open
Open
Open
Open
Chop
mode;
0 = off
1 = on
Open
Open
0x00
Enables/
disables chop
mode.
0x0D
Test mode (local
except for PN
sequence resets)
User input test mode,
Bits[7:6];
00 = single
01 = alternate
10 = single once
11 = alternate once
(affects user input test
mode only;
Register 0x0D,
Bits[3:0] = 1000)
Reset PN
long gen
Reset PN
short gen
Output test mode, Bits[3:0] (local);
0000 = off (default)
0001 = midscale short
0010 = positive FS
0011 = negative FS
0100 = alternating checkerboard
0101 = PN23 sequence
0110 = PN9 sequence
0111 = one-/zero-word toggle
1000 = user input
1001 = 1-/0-bit toggle
1010 = 1× sync
1011 = one bit high
1100 = mixed bit frequency
0x00
When set, test
data is placed
on the output
pins in place of
normal data.
0x10
Offset adjust (local)
8-bit device offset adjustment, Bits[7:0] (local);
offset adjust in LSBs from +127 to −128 (twos complement format)
0x00
Device offset
trim.
0x14
Output mode
Open
LVDS-ANSI/
LVDS-IEEE
option;
0 = LVDS-
ANSI
1 = LVDS-
IEEE
reduced
range link
(global);
see Table 18
Open
Open
Open
Output
invert;
0 = not
inverted
1 =
inverted
(local)
Open
Output
format;
0 =
offset
binary
1 = twos
comple-
ment
(default)
(global)
0x01
Configures
outputs and
format of the
data.
0x15
Output adjust
Open
Open
Output driver
termination, Bits[5:4];
00 = none
01 = 200 Ω
10 = 100 Ω
11 = 100 Ω
Open
Open
Open
FCO±x,
DCO±x
output
drive
(local);
0 = 1×
drive
1 = 2×
drive
0x00
Determines
LVDS or other
output
properties.
0x16
Output phase
Open
Input clock phase adjust, Bits[6:4];
(value is number of input clock cycles
of phase delay; see Table 19)
Output clock phase adjust, Bits[3:0];
(0000 to 1011; see Table 20)
0x03
On devices that
use global
clock divide,
determines
which phase of
the divider
output supplies
the output
clock. Internal
latching is
unaffected.
0x18
VREF
Open
Open
Open
Open
Open
Input full-scale adjustment;
digital scheme, Bits[2:0];
000 = 1.0 V p-p
001 = 1.14 V p-p
010 = 1.33 V p-p
011 = 1.6 V p-p
100 = 2.0 V p-p
0x04
Digital adjust-
ment of input
full-scale
voltage. Does
not affect
analog voltage
reference.
0x19
USER_PATT1_LSB
(global)
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User Defined
Pattern 1 LSB.
0x1A
USER_PATT1_MSB
(global)
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User Defined
Pattern 1 MSB.
0x1B
USER_PATT2_LSB
(global)
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User Defined
Pattern 2 LSB.
0x1C
USER_PATT2_MSB
(global)
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User Defined
Pattern 2 MSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com