Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9681
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9681 Datasheet HTML 28Page - Analog Devices AD9681 Datasheet HTML 29Page - Analog Devices AD9681 Datasheet HTML 30Page - Analog Devices AD9681 Datasheet HTML 31Page - Analog Devices AD9681 Datasheet HTML 32Page - Analog Devices AD9681 Datasheet HTML 33Page - Analog Devices AD9681 Datasheet HTML 34Page - Analog Devices AD9681 Datasheet HTML 35Page - Analog Devices AD9681 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
Data Sheet
AD9681
Rev. C | Page 31 of 40
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit locations.
The memory map is divided into three sections: the chip confi-
guration registers (Address 0x00 to Address 0x02); the device
index and transfer registers (Address 0x05 and Address 0xFF);
and the global ADC function registers, including setup, control,
and test (Address 0x08 to Address 0x109).
The memory map register table (see Table 17) lists the default
hexadecimal value for each hexadecimal address shown. The
column with the Bit 7 (MSB) heading is the start of the default
hexadecimal value given. For example, Address 0x05, the device
index register, has a hexadecimal default value of 0x3F. This means
that in Address 0x05, Bits[7:6] = 0, and the remaining bits,
Bits[5:0], = 1. This setting is the default channel index setting.
The default value results in all specified ADC channels receiving
the next write command. For more information on this function
and others, see the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI. This application note details the
functions controlled by Register 0x00 to Register 0xFF. The
remaining registers are documented in the Memory Map
Register Descriptions section.
Open Locations
All address and bit locations that are not listed in Table 17 are
not currently supported for this device. Write the unused bits of
a valid address location with 0s. Writing to these locations is
required only when some of the bits of an address location are
valid (for example, Address 0x05). Do not write to an address
location if the entire address location is open or if the address is
not listed in Table 17 (for example, Address 0x13).
Default Values
After the AD9681 is reset (via Bit 5 and Bit 2 of Address 0x00),
the registers are loaded with default values. The default values
for the registers are listed in the Default Value (Hex) column
of Table 17, the memory map register table.
Logic Levels
An explanation of logic level terminology follows:
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
Channel Specific Registers
Some channel setup functions can be programmed independently
for each channel. In such cases, channel address locations are
internally duplicated for each channel; that is, each channel has
its own set of registers. These registers and bits are designated in
Table 17 as local. Access these local registers and bits by setting
the appropriate data channel bits (A1, A2 through D1, D2) and
the clock channel bits (DCO±1, DCO±2 and FCO±1, FCO±2),
found in Register 0x05. If all the valid bits are set in Register
0x05, the subsequent write to a local register affects the registers
of all the data channels and the DCO±x/FCO±x clock channels.
In a read cycle, set only one channel (A1, A2 through D1, D2)
to read one local register. If all the bits are set during a SPI read
cycle, the device returns the value for Channel A1.
Registers and bits that are designated as global in Table 17 are
applicable to the channel features for which independent settings
are not allowed; thus, they affect the entire device. The settings
in Register 0x05 do not affect the global registers and bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com