Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9681
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9681 Datasheet HTML 16Page - Analog Devices AD9681 Datasheet HTML 17Page - Analog Devices AD9681 Datasheet HTML 18Page - Analog Devices AD9681 Datasheet HTML 19Page - Analog Devices AD9681 Datasheet HTML 20Page - Analog Devices AD9681 Datasheet HTML 21Page - Analog Devices AD9681 Datasheet HTML 22Page - Analog Devices AD9681 Datasheet HTML 23Page - Analog Devices AD9681 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Data Sheet
AD9681
Rev. C | Page 19 of 40
EQUIVALENT CIRCUITS
AVDD
VIN±y1, VIN±y2
Figure 27. Equivalent Analog Input Circuit
CLK+
CLK–
0.9V
15kΩ
10Ω
10Ω
15kΩ
AVDD
AVDD
Figure 28. Equivalent Clock Input Circuit
SDIO/OLM
AVDD
400Ω
31kΩ
Figure 29. Equivalent SDIO/OLM Input Circuit
DRVDD
D0–x1, D1–x1,
D0–x2, D1–x2
D0+x1, D1+x1,
D0+x2, D1+x2
V
V
V
V
Figure 30. Equivalent Digital Output Circuit
350Ω
AVDD
30kΩ
SCLK/DTP, SYNC,
AND PDWN
Figure 31. Equivalent SCLK/DTP, SYNC, and PDWN Input Circuit
RBIAS1, RBIAS2
AND VCM1, VCM2
375Ω
AVDD
Figure 32. Equivalent RBIASx and VCMx Circuit
CSB1,
CSB2
350Ω
AVDD
30kΩ
Figure 33. Equivalent CSBx Input Circuit
VREF
AVDD
7.5kΩ
375Ω
Figure 34. Equivalent VREF Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com