Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9681
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9681 Datasheet HTML 27Page - Analog Devices AD9681 Datasheet HTML 28Page - Analog Devices AD9681 Datasheet HTML 29Page - Analog Devices AD9681 Datasheet HTML 30Page - Analog Devices AD9681 Datasheet HTML 31Page - Analog Devices AD9681 Datasheet HTML 32Page - Analog Devices AD9681 Datasheet HTML 33Page - Analog Devices AD9681 Datasheet HTML 34Page - Analog Devices AD9681 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
AD9681
Data Sheet
Rev. C | Page 30 of 40
HARDWARE INTERFACE
The pins described in Table 15 comprise the physical interface
between the user programming device and the serial port of the
AD9681. The SCLK/DTP pin (SCLK functionality) and the CSB1
and CSB2 pins function as inputs when using the SPI interface.
The SDIO/OLM pin (SDIO functionality) is bidirectional,
functioning as an input during write phases and as an output
during readback.
The SPI interface is flexible enough to be controlled by either
FPGAs or microcontrollers. One method for SPI configuration
is described in detail in the AN-812 Application Note, Micro-
controller-Based Serial Port Interface (SPI) Boot Circuit.
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK signal, the CSB1 and CSB2 signals, and the SDIO signal
are typically asynchronous to the ADC clock, noise from these
signals can degrade converter performance. If the on-board SPI
bus is used for other devices, it may be necessary to provide
buffers between this bus and the AD9681 to prevent these signals
from transitioning at the converter inputs during critical
sampling periods.
Some pins serve a dual function when the SPI interface is not
being used. When the pins are strapped to DRVDD or ground
during device power-on, they serve a specific function. Table 13
and Table 14 describe the strappable functions that are
supported on the AD9681.
CONFIGURATION WITHOUT THE SPI
In applications that do not interface to the SPI control registers,
the SDIO/OLM pin, the SCLK/DTP pin, and the PDWN pin
serve as standalone CMOS-compatible control pins. When the
device is powered up, it is assumed that the user intends to use the
pins as static control lines for output lane mode control, digital
test pattern control, and power-down feature control. In this
mode, connect CSB1 and CSB2 to AVDD, which disables the
serial port interface.
When the device is in SPI mode, the PDWN pin (if enabled)
remains active. For SPI control of power-down, set the PDWN pin
to its inactive state (low).
SPI ACCESSIBLE FEATURES
Table 16 provides a brief description of the general features that
are accessible via the SPI. These features are described further in
the AN-877 Application Note, Interfacing to High Speed ADCs via
SPI. The AD9681 device-specific features are described in detail in
the Memory Map Register Descriptions section following Table 17,
the external memory map register table.
Table 16. Features Accessible Using the SPI
Feature Name
Description
Power Mode
Allows the user to set either power-down mode
or standby mode
Clock
Allows the user to access the DCS, set the
clock divider, set the clock divider phase, and
enable the sync function
Offset
Allows the user to digitally adjust the
converter offset
Test I/O
Allows the user to set test modes to have
known data on output bits
Output Mode
Allows the user to set the output mode
Output Phase
Allows the user to set the output clock polarity
ADC Resolution
Allows scalable power consumption options
with respect to the sample rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com