Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9681
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9681 Datasheet HTML 18Page - Analog Devices AD9681 Datasheet HTML 19Page - Analog Devices AD9681 Datasheet HTML 20Page - Analog Devices AD9681 Datasheet HTML 21Page - Analog Devices AD9681 Datasheet HTML 22Page - Analog Devices AD9681 Datasheet HTML 23Page - Analog Devices AD9681 Datasheet HTML 24Page - Analog Devices AD9681 Datasheet HTML 25Page - Analog Devices AD9681 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Data Sheet
AD9681
Rev. C | Page 21 of 40
Differential Input Configurations
There are several ways to drive the AD9681, either actively or
passively. However, optimum performance is achieved by driving
the analog inputs differentially. Using a differential double balun
configuration to drive the AD9681 provides excellent performance
and a flexible interface to the ADC (see Figure 38) for baseband
applications. Similarly, differential transformer coupling also
provides excellent performance (see Figure 39). Because the noise
performance of most amplifiers is not adequate to achieve the true
performance of the AD9681, use of these passive configurations
is recommended wherever possible.
Regardless of the configuration, the value of the shunt capacitor,
C, is dependent on the input frequency and may need to be
reduced or removed.
It is recommended that the AD9681 inputs not be driven single-
ended.
VOLTAGE REFERENCE
A stable and accurate 1.0 V voltage reference is built into the
AD9681. Configure VREF using either the internal 1.0 V
reference or an externally applied 1.0 V reference voltage. The
various reference modes are summarized in the Internal Reference
Connection section and the External Reference Operation
section. Bypass the VREF pin to ground externally, using a low
ESR, 1.0 μF capacitor in parallel with a low ESR, 0.1 μF ceramic
capacitor.
Internal Reference Connection
A comparator within the AD9681 detects the potential at the
SENSE pin and configures the reference into two possible
modes, which are summarized in Table 9. If SENSE is grounded,
the reference amplifier switch is connected to the internal resistor
divider (see Figure 37), setting VREF to 1.0 V.
Table 9. Reference Configuration Summary
Selected Mode
SENSE
Voltage (V)
Resulting
VREF (V)
Resulting
Differential
Span (V p-p)
Fixed Internal
Reference
GND to 0.2
1.0 internal
2.0
Fixed External
Reference
AVDD
1.0 applied
to external
VREF pin
2.0
VREF
SENSE
0.5V
ADC
SELECT
LOGIC
0.1µF
1.0µF
VIN–A/VIN–B
VIN+A/VIN+B
ADC
CORE
Figure 37. Internal Reference Configuration
ADC
R
0.1µF
0.1µF
2V p-p
VCM
C
*C1
*C1
C
R
0.1µF
0.1µF
0.1µF
33Ω
200Ω
33Ω
33Ω
33Ω
ET1-1-I3
C
C
5pF
R
*C1 IS OPTIONAL
VIN–x1,
VIN–x2
VIN+x1,
VIN+x2
Figure 38. Differential Double Balun Input Configuration for Baseband Applications
2V p-p
R
R
*C1
*C1 IS OPTIONAL
49.9Ω
0.1μF
ADT1-1WT
1:1 Z RATIO
ADC
*C1
C
VCM
33Ω
33Ω
200Ω
0.1µF
5pF
VIN–x1,
VIN–x2
VIN+x1,
VIN+x2
Figure 39. Differential Transformer Coupled Configuration for Baseband Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com