Electronic Components Datasheet Search
  English  ▼

X  

AM5706 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM5706
Description  Sitara Processors
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706 Datasheet(HTML) 5 Page - Texas Instruments

  AM5706 Datasheet HTML 1Page - Texas Instruments AM5706 Datasheet HTML 2Page - Texas Instruments AM5706 Datasheet HTML 3Page - Texas Instruments AM5706 Datasheet HTML 4Page - Texas Instruments AM5706 Datasheet HTML 5Page - Texas Instruments AM5706 Datasheet HTML 6Page - Texas Instruments AM5706 Datasheet HTML 7Page - Texas Instruments AM5706 Datasheet HTML 8Page - Texas Instruments AM5706 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 388 page
background image
5
AM5706, AM5708
www.ti.com
SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Revision History
Copyright © 2016–2017, Texas Instruments Incorporated
2
Revision History
Changes from March 1, 2017 to September 30, 2017 (from A Revision (March 2017) to B Revision)
Page
•
Changed "No" in Device Comparison table to "Not Supported"
................................................................ 6
•
Added clarification notes in Pin Attributes Table
................................................................................ 10
•
Removed restriction for usage of VOUT2 and VOUT3 at 3.3V
............................................................... 11
•
Updated EMIF I/O Voltage Values in Table 4-1
................................................................................. 12
•
Added note to gpmc_a[22:19] and gpmc_a[27:24] signals about internal pulldowns activation
.......................... 65
•
Fixed typo in Table 4-23
............................................................................................................ 90
•
Updated vdda33v_usb1 and vdda33v_usb2 descriptions in Section 5.4
................................................... 119
•
Updated Source Clock Names for McASP in Table 5-6
...................................................................... 123
•
Added footnotes in Electrical Characteristics section clarifying VDDS in each table
..................................... 144
•
Updated Package Thermal Characteristics section
........................................................................... 149
•
Changed vdda_csi position in Figure 5-4 and Figure 5-5
.................................................................... 153
•
Added RC On-die Oscillator Clock section
..................................................................................... 162
•
Updated Output Clocks section
.................................................................................................. 162
•
Updated VIN1 IOSETs and the corresponding signals to the Manual Mode Tables
..................................... 166
•
Removed CSI2_1 references from Section 5.9.6.6.1
......................................................................... 189
•
Updated McSPI and QSPI Timing figures from Figure 5-45 through Figure 5-52
........................................ 222
•
Updated QSPI Timing parameter Q9 in Table 5-66
........................................................................... 227
•
Removed McASP AHCLKR references from Section 5.9.6.15
.............................................................. 231
•
Updated HS200 timing diagrams (parameters HS2005 and HS2006)
..................................................... 277
•
Fixed typo in Table 7-12 and Table 7-13
....................................................................................... 374
•
Added references to thermal application notes
................................................................................ 377
•
Added section LJCB_REFN/P Connections
................................................................................... 379
•
Updated Silicon Revision to 2.1
.................................................................................................. 382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com