| Electronic Components Datasheet Search |
|
AM5706 Datasheet(PDF) 92 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5706 Datasheet(HTML) 92 Page - Texas Instruments |
|
92 / 388 page ![]() 92 AM5706, AM5708 SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017 www.ti.com Submit Documentation Feedback Product Folder Links: AM5706 AM5708 Terminal Configuration and Functions Copyright © 2016–2017, Texas Instruments Incorporated Table 4-24. PRU-ICSS Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL pr1_edio_data_out1 Ethernet Digital Output O B7 pr1_edio_data_out2 Ethernet Digital Output O C7 pr1_edio_data_out3 Ethernet Digital Output O E8 pr1_edio_data_out4 Ethernet Digital Output O B8 pr1_edio_data_out5 Ethernet Digital Output O C8 pr1_edio_data_out6 Ethernet Digital Output O B9 pr1_edio_data_out7 Ethernet Digital Output O A7 pr1_edio_sof Start Of Frame O A11 pr1_mdio_data MDIO Data IO C10 pr1_mdio_mdclk MDIO Clock O D10 pr1_edc_latch0_in Latch Input 0 I A9 pr1_mii0_col MII0 Collision Detect I L5 pr1_mii0_crs MII0 Carrier Sense I P4 pr1_mii0_rxd0 MII0 Receive Data I R1 pr1_mii0_rxd1 MII0 Receive Data I R2 pr1_mii0_rxd2 MII0 Receive Data I T5 pr1_mii0_rxd3 MII0 Receive Data I T4 pr1_mii0_rxdv MII0 Data Valid I N5 pr1_mii0_rxer MII0 Receive Error I P3 pr1_mii0_rxlink MII0 Receive Link I L6 pr1_mii0_txd0 MII0 Transmit Data O N4 pr1_mii0_txd1 MII0 Transmit Data O N3 pr1_mii0_txd2 MII0 Transmit Data O N1 pr1_mii0_txd3 MII0 Transmit Data O P2 pr1_mii0_txen MII0 Transmit Enable O P1 pr1_mii1_col MII1 Collision Detect I C13 pr1_mii1_crs MII1 Carrier Sense I D13 pr1_mii1_rxd0 MII1 Receive Data I F11 pr1_mii1_rxd1 MII1 Receive Data I E11 pr1_mii1_rxd2 MII1 Receive Data I A13 pr1_mii1_rxd3 MII1 Receive Data I A12 pr1_mii1_rxdv MII1 Data Valid I B12 pr1_mii1_rxer MII1 Receive Error I B13 pr1_mii1_rxlink MII1 Receive Link I E13 pr1_mii1_txd0 MII1 Transmit Data O D11 pr1_mii1_txd1 MII1 Transmit Data O B11 pr1_mii1_txd2 MII1 Transmit Data O E10 pr1_mii1_txd3 MII1 Transmit Data O B10 pr1_mii1_txen MII1 Transmit Enable O A10 pr1_mii_mr0_clk MII0 Master Receive Clock I N6 pr1_mii_mr1_clk MII1 Master Receive Clock I C11 pr1_mii_mt0_clk MII0 Master Transmit Clock I N2 pr1_mii_mt1_clk MII1 Master Transmit Clock I F10 pr1_pru1_gpi0 PRU1 General-Purpose Input I A9 pr1_pru1_gpi1 PRU1 General-Purpose Input I A8 pr1_pru1_gpi2 PRU1 General-Purpose Input I A11 pr1_pru1_gpi3 PRU1 General-Purpose Input I F10 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |