Electronic Components Datasheet Search
  English  ▼

X  

AM5706 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AM5706
Description  Sitara Processors
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM5706 Datasheet HTML 2Page - Texas Instruments AM5706 Datasheet HTML 3Page - Texas Instruments AM5706 Datasheet HTML 4Page - Texas Instruments AM5706 Datasheet HTML 5Page - Texas Instruments AM5706 Datasheet HTML 6Page - Texas Instruments AM5706 Datasheet HTML 7Page - Texas Instruments AM5706 Datasheet HTML 8Page - Texas Instruments AM5706 Datasheet HTML 9Page - Texas Instruments AM5706 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 388 page
background image
6
AM5706, AM5708
SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Device Comparison
Copyright © 2016–2017, Texas Instruments Incorporated
3
Device Comparison
3.1
Device Comparison Table
Table 3-1 shows a comparison between devices, highlighting the differences.
Table 3-1. Device Comparison
FEATURES
Device
AM5708
AM5706
Features
CTRL_WKUP_STD_FUSE_DIE_ID_2[31:24] Base PN register bitfield value(3)
AM5708: 142 (0x8E) AM5706: 140 (0x8C)
AM5708-E: 143
(0x8F)
AM5706-E: 141
(0x8D)
Processors/Accelerators
Speed Grades
J
D, J
ARM Single Cortex-A15 Microprocessor (MPU) Subsystem
MPU core 0
Yes
C66x VLIW DSP
DSP1
Yes
BitBLT 2D Hardware Acceleration Engine (BB2D)
BB2D
Yes
Not Supported(1)
Display Subsystem
VOUT1
Not Supported(1)
VOUT2
Yes
Not Supported(1)
VOUT3
Yes
Not Supported(1)
HDMI
Yes
Not Supported(1)
ARM Dual Cortex-M4 Image Processing Unit (IPU)
IPU1
Yes
IPU2(2)
Yes
Image Video Accelarator (IVA)
IVA
Yes
Not Supported(1)
SGX544 Single-Core 3D Graphics Processing Unit (GPU)
GPU
Yes
Not Supported(1)
Video Input Port (VIP)
VIP1
vin1a
Yes
vin1b
Yes
vin2a
Yes
vin2b
Yes
Video Processing Engine (VPE)
VPE
Yes
Program/Data Storage
On-Chip Shared Memory (RAM)
OCMC_RAM1
512KB
General-Purpose Memory Controller (GPMC)
GPMC
Yes
DDR3/DDR3L Memory Controller
EMIF1
up to 2GB
Dynamic Memory Manager (DMM)
DMM
Yes
Radio Support
Audio Tracking Logic (ATL)
ATL
Not Supported(1)
Viterbi Coprocessor (VCP)
VCP1
Not Supported(1)
VCP2
Not Supported(1)
Peripherals
Controller Area Network (DCAN) Interface
DCAN1
Yes
DCAN2
Yes
Enhanced DMA (EDMA)
EDMA
Yes
System DMA (DMA_SYSTEM)
DMA_SYSTEM
Yes
Ethernet Subsystem (Ethernet SS)
GMAC_SW[0]
MII, RMII, or RGMII
GMAC_SW[1]
MII, RMII, or RGMII
General-Purpose I/O (GPIO)
GPIO
Up to 186
Inter-Integrated Circuit Interface (I2C)
I2C
5
System Mailbox Module
MAILBOX
13
Media Local Bus Subsystem (MLBSS)
MLB
Not Supported (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com