Electronic Components Datasheet Search
  English  ▼

X  

AM5706 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # AM5706
Description  Sitara Processors
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706 Datasheet(HTML) 89 Page - Texas Instruments

Back Button AM5706 Datasheet HTML 85Page - Texas Instruments AM5706 Datasheet HTML 86Page - Texas Instruments AM5706 Datasheet HTML 87Page - Texas Instruments AM5706 Datasheet HTML 88Page - Texas Instruments AM5706 Datasheet HTML 89Page - Texas Instruments AM5706 Datasheet HTML 90Page - Texas Instruments AM5706 Datasheet HTML 91Page - Texas Instruments AM5706 Datasheet HTML 92Page - Texas Instruments AM5706 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 388 page
background image
89
AM5706, AM5708
www.ti.com
SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-21. GPIOs Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpio6_16
General-Purpose Input/Output
IO
K23
gpio6_17
General-Purpose Input/Output
IO
J25
gpio6_18
General-Purpose Input/Output
IO
J24
gpio6_19
General-Purpose Input/Output
IO
H24
gpio6_20
General-Purpose Input/Output
IO
H25
gpio6_21
General-Purpose Input/Output
IO
U3
gpio6_22
General-Purpose Input/Output
IO
V4
gpio6_23
General-Purpose Input/Output
IO
V3
gpio6_24
General-Purpose Input/Output
IO
V2
gpio6_25
General-Purpose Input/Output
IO
W1
gpio6_26
General-Purpose Input/Output
IO
V1
gpio6_27
General-Purpose Input/Output
IO
U5
gpio6_28
General-Purpose Input/Output
IO
V5
gpio6_29
General-Purpose Input/Output
IO
Y2
gpio6_30
General-Purpose Input/Output
IO
Y1
gpio6_31
General-Purpose Input/Output
IO
Y4
GPIO 7
gpio7_0
General-Purpose Input/Output
IO
AA2
gpio7_1
General-Purpose Input/Output
IO
AA3
gpio7_2
General-Purpose Input/Output
IO
W2
gpio7_3
General-Purpose Input/Output
IO
M1
gpio7_4
General-Purpose Input/Output
IO
M2
gpio7_5
General-Purpose Input/Output
IO
L2
gpio7_6
General-Purpose Input/Output
IO
L1
gpio7_7
General-Purpose Input/Output
IO
C24
gpio7_8
General-Purpose Input/Output
IO
D24
gpio7_9
General-Purpose Input/Output
IO
D25
gpio7_10
General-Purpose Input/Output
IO
B24
gpio7_11
General-Purpose Input/Output
IO
C25
gpio7_12
General-Purpose Input/Output
IO
E24
gpio7_13
General-Purpose Input/Output
IO
E25
gpio7_14
General-Purpose Input/Output
IO
G25
gpio7_15
General-Purpose Input/Output
IO
F25
gpio7_16
General-Purpose Input/Output
IO
G24
gpio7_17
General-Purpose Input/Output
IO
F24
gpio7_18
General-Purpose Input/Output
IO
C2
gpio7_19
General-Purpose Input/Output
IO
D3
gpio7_22
General-Purpose Input/Output
IO
L25
gpio7_23
General-Purpose Input/Output
IO
M25
gpio7_24
General-Purpose Input/Output
IO
L20
gpio7_25
General-Purpose Input/Output
IO
M24
gpio7_26
General-Purpose Input/Output
IO
N23
gpio7_27
General-Purpose Input/Output
IO
N25
gpio7_28
General-Purpose Input/Output
IO
A2
gpio7_29
General-Purpose Input/Output
IO
B3
gpio7_30
General-Purpose Input/Output
IO
C17
gpio7_31
General-Purpose Input/Output
IO
C16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com