| Electronic Components Datasheet Search |
|
AM5706 Datasheet(PDF) 70 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5706 Datasheet(HTML) 70 Page - Texas Instruments |
|
70 / 388 page ![]() 70 AM5706, AM5708 SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017 www.ti.com Submit Documentation Feedback Product Folder Links: AM5706 AM5708 Terminal Configuration and Functions Copyright © 2016–2017, Texas Instruments Incorporated Table 4-4. HDMI Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL hdmi1_cec HDMI consumer electronic control IOD E25, H23 hdmi1_hpd HDMI display hot plug detect IO E24, H22 hdmi1_ddc_scl HDMI display data channel clock IOD F23 hdmi1_ddc_sda HDMI display data channel data IOD G21 hdmi1_clockx HDMI clock differential positive or negative ODS AE9 hdmi1_clocky HDMI clock differential positive or negative ODS AD10 hdmi1_data2x HDMI data 2 differential positive or negative ODS AE14 hdmi1_data2y HDMI data 2 differential positive or negative ODS AD15 hdmi1_data1x HDMI data 1 differential positive or negative ODS AE12 hdmi1_data1y HDMI data 1 differential positive or negative ODS AD13 hdmi1_data0x HDMI data 0 differential positive or negative ODS AE11 hdmi1_data0y HDMI data 0 differential positive or negative ODS AD12 4.3.4 CSI2 NOTE For more information, see the CAL Subsystem / CAL Subsystem Overview of the device TRM. Table 4-5. CSI 2 Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL csi2_0_dx0 Serial data/clock input - lane 0 (position 1) I AC1 csi2_0_dy0 Serial data/clock input - lane 0 (position 1) I AB2 csi2_0_dx1 Serial data/clock input - lane 1 (position 2) I AD1 csi2_0_dy1 Serial data/clock input - lane 1 (position 2) I AC2 csi2_0_dx2 Serial data/clock input - lane 2 (position 3) I AE2 csi2_0_dy2 Serial data/clock input - lane 2 (position 3) I AD2 4.3.5 EMIF NOTE For more information, see the Memory Subsystem / EMIF Controller section of the device TRM. NOTE The index number 1 which is part of the EMIF1 signal prefixes (ddr1_*) listed in Table 4-6, EMIF Signal Descriptions, column "SIGNAL NAME" not to be confused with DDR1 type of SDRAM memories. Table 4-6. EMIF Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL ddr1_csn0 EMIF1 Chip Select 0 O AC19 ddr1_cke EMIF1 Clock Enable O AB18 ddr1_ck EMIF1 Clock O AD21 ddr1_nck EMIF1 Negative Clock O AE21 ddr1_odt0 EMIF1 On-Die Termination for Chip Select 0 O AD18 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |