Electronic Components Datasheet Search
  English  ▼

X  

AM5706 Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # AM5706
Description  Sitara Processors
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706 Datasheet(HTML) 77 Page - Texas Instruments

Back Button AM5706 Datasheet HTML 73Page - Texas Instruments AM5706 Datasheet HTML 74Page - Texas Instruments AM5706 Datasheet HTML 75Page - Texas Instruments AM5706 Datasheet HTML 76Page - Texas Instruments AM5706 Datasheet HTML 77Page - Texas Instruments AM5706 Datasheet HTML 78Page - Texas Instruments AM5706 Datasheet HTML 79Page - Texas Instruments AM5706 Datasheet HTML 80Page - Texas Instruments AM5706 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 388 page
background image
77
AM5706, AM5708
www.ti.com
SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-11. UART Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
uart5_txd
UART5 Transmit Data
O
AA2, B23, F24, M2
uart5_ctsn
UART5 clear to send active low
I
AA3, L2
uart5_rtsn
UART5 request to send active low
O
L1, W2
Universal Asynchronous Receiver/Transmitter 6 (UART6)
uart6_rxd
UART6 Receive Data
I
D14, K3, U5
uart6_txd
UART6 Transmit Data
O
B14, K2, V5
uart6_ctsn
UART6 clear to send active low
I
C14, J1
uart6_rtsn
UART6 request to send active low
O
B15, K1
Universal Asynchronous Receiver/Transmitter 7 (UART7)
uart7_rxd
UART7 Receive Data
I
A22, L2
uart7_txd
UART7 Transmit Data
O
A23, L1
uart7_ctsn
UART7 clear to send active low
I
B22
uart7_rtsn
UART7 request to send active low
O
B23
Universal Asynchronous Receiver/Transmitter 8 (UART8)
uart8_rxd
UART8 Receive Data
I
C23, H22, J1
uart8_txd
UART8 Transmit Data
O
B25, H23, K1
uart8_ctsn
UART8 clear to send active low
I
A24
uart8_rtsn
UART8 request to send active low
O
D23
Universal Asynchronous Receiver/Transmitter 9 (UART9)
uart9_rxd
UART9 Receive Data
I
AC3, E8, L20
uart9_txd
UART9 Transmit Data
O
B8, M24, U6
uart9_ctsn
UART9 clear to send active low
I
AA5, C8
uart9_rtsn
UART9 request to send active low
O
AC4, B9
Universal Asynchronous Receiver/Transmitter 10 (UART10)
uart10_rxd
UART10 Receive Data
I
A7, H21, N22, Y3
uart10_txd
UART10 Transmit Data
O
A9, AA1, K22, N24
uart10_ctsn
UART10 clear to send active low
I
A8, AA4
uart10_rtsn
UART10 request to send active low
O
A11, AB1
4.3.11 McSPI
NOTE
For more information, see the Serial Communication Interface / Multichannel Serial
Peripheral Interface (McSPI) section of the device TRM.
Table 4-12. SPI Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Serial Peripheral Interface 1
spi1_sclk(1)
SPI1 Clock
IO
C24
spi1_d1
SPI1 Data. Can be configured as either MISO or MOSI.
IO
D24
spi1_d0
SPI1 Data. Can be configured as either MISO or MOSI.
IO
D25
spi1_cs0
SPI1 Chip Select
IO
B24
spi1_cs1
SPI1 Chip Select
IO
C25
spi1_cs2
SPI1 Chip Select
IO
E24
spi1_cs3
SPI1 Chip Select
IO
E25
Serial Peripheral Interface 2
spi2_sclk(1)
SPI2 Clock
IO
G25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com