Electronic Components Datasheet Search
  English  ▼

X  

AM5706 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # AM5706
Description  Sitara Processors
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706 Datasheet(HTML) 73 Page - Texas Instruments

Back Button AM5706 Datasheet HTML 69Page - Texas Instruments AM5706 Datasheet HTML 70Page - Texas Instruments AM5706 Datasheet HTML 71Page - Texas Instruments AM5706 Datasheet HTML 72Page - Texas Instruments AM5706 Datasheet HTML 73Page - Texas Instruments AM5706 Datasheet HTML 74Page - Texas Instruments AM5706 Datasheet HTML 75Page - Texas Instruments AM5706 Datasheet HTML 76Page - Texas Instruments AM5706 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 388 page
background image
73
AM5706, AM5708
www.ti.com
SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-7. GPMC Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpmc_ad8
GPMC Data 8 in A/D nonmultiplexed mode and additionally Address 9
in A/D multiplexed mode
IO
C2
gpmc_ad9
GPMC Data 9 in A/D nonmultiplexed mode and additionally Address 10
in A/D multiplexed mode
IO
D3
gpmc_ad10
GPMC Data 10 in A/D nonmultiplexed mode and additionally Address
11 in A/D multiplexed mode
IO
A2
gpmc_ad11
GPMC Data 11 in A/D nonmultiplexed mode and additionally Address
12 in A/D multiplexed mode
IO
B3
gpmc_ad12
GPMC Data 12 in A/D nonmultiplexed mode and additionally Address
13 in A/D multiplexed mode
IO
C3
gpmc_ad13
GPMC Data 13 in A/D nonmultiplexed mode and additionally Address
14 in A/D multiplexed mode
IO
C4
gpmc_ad14
GPMC Data 14 in A/D nonmultiplexed mode and additionally Address
15 in A/D multiplexed mode
IO
A3
gpmc_ad15
GPMC Data 15 in A/D nonmultiplexed mode and additionally Address
16 in A/D multiplexed mode
IO
B4
gpmc_a0
GPMC Address 0. Only used to effectively address 8-bit data
nonmultiplexed memories
O
G1, M1
gpmc_a1
GPMC address 1 in A/D nonmultiplexed mode and Address 17 in A/D
multiplexed mode
O
G3, M2
gpmc_a2
GPMC address 2 in A/D nonmultiplexed mode and Address 18 in A/D
multiplexed mode
O
H5, L2
gpmc_a3
GPMC address 3 in A/D nonmultiplexed mode and Address 19 in A/D
multiplexed mode
O
H6, L1
gpmc_a4
GPMC address 4 in A/D nonmultiplexed mode and Address 20 in A/D
multiplexed mode
O
K3
gpmc_a5
GPMC address 5 in A/D nonmultiplexed mode and Address 21 in A/D
multiplexed mode
O
K2
gpmc_a6
GPMC address 6 in A/D nonmultiplexed mode and Address 22 in A/D
multiplexed mode
O
J1
gpmc_a7
GPMC address 7 in A/D nonmultiplexed mode and Address 23 in A/D
multiplexed mode
O
K1
gpmc_a8
GPMC address 8 in A/D nonmultiplexed mode and Address 24 in A/D
multiplexed mode
O
K4
gpmc_a9
GPMC address 9 in A/D nonmultiplexed mode and Address 25 in A/D
multiplexed mode
O
H1
gpmc_a10
GPMC address 10 in A/D nonmultiplexed mode and Address 26 in A/D
multiplexed mode
O
J2
gpmc_a11
GPMC address 11 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
L3
gpmc_a12
GPMC address 12 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
G1
gpmc_a13
GPMC address 13 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
A4, H3, G4
gpmc_a14
GPMC address 14 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
E7, H4, G3
gpmc_a15
GPMC address 15 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
D6, K6, F6
gpmc_a16
GPMC address 16 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
C5, K5, M1
gpmc_a17
GPMC address 17 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
B5, G2, D8
gpmc_a18
GPMC address 18 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
D7, F2, C7
gpmc_a19
GPMC address 19 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
A4(3), C6, H5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com