Electronic Components Datasheet Search
  English  ▼

X  

AM5706 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # AM5706
Description  Sitara Processors
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706 Datasheet(HTML) 74 Page - Texas Instruments

Back Button AM5706 Datasheet HTML 70Page - Texas Instruments AM5706 Datasheet HTML 71Page - Texas Instruments AM5706 Datasheet HTML 72Page - Texas Instruments AM5706 Datasheet HTML 73Page - Texas Instruments AM5706 Datasheet HTML 74Page - Texas Instruments AM5706 Datasheet HTML 75Page - Texas Instruments AM5706 Datasheet HTML 76Page - Texas Instruments AM5706 Datasheet HTML 77Page - Texas Instruments AM5706 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 388 page
background image
74
AM5706, AM5708
SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-7. GPMC Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpmc_a20
GPMC address 20 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
A5, E7(3), L4
gpmc_a21
GPMC address 21 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
B6, D6(3), H2
gpmc_a22
GPMC address 22 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
A6, C5(3), H6
gpmc_a23
GPMC address 23 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
B5, H5, C10, G4
gpmc_a24
GPMC address 24 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
D7(3), D10, G3
gpmc_a25
GPMC address 25 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
C6(3), F6, E10
gpmc_a26
GPMC address 26 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
A5(3), M1, B10
gpmc_a27
GPMC address 27 in A/D nonmultiplexed mode and Address 27 in A/D
multiplexed mode
O
B6(3), D8, C7, E8
gpmc_cs0
GPMC Chip Select 0 (active low)
O
F3
gpmc_cs1
GPMC Chip Select 1 (active low)
O
A6
gpmc_cs2
GPMC Chip Select 2 (active low)
O
G4
gpmc_cs3
GPMC Chip Select 3 (active low)
O
G3
gpmc_cs4
GPMC Chip Select 4 (active low)
O
H2
gpmc_cs5
GPMC Chip Select 5 (active low)
O
H6
gpmc_cs6
GPMC Chip Select 6 (active low)
O
H5
gpmc_cs7
GPMC Chip Select 7 (active low)
O
L4
gpmc_clk(1)(2)
GPMC Clock output
IO
L4
gpmc_advn_ale
GPMC address valid active low or address latch enable
O
H5
gpmc_oen_ren
GPMC output enable active low or read enable
O
G5
gpmc_wen
GPMC write enable active low
O
G6
gpmc_ben0
GPMC lower-byte enable active low
O
H2
gpmc_ben1
GPMC upper-byte enable active low
O
H6
gpmc_wait0
GPMC external indication of wait 0
I
F6
gpmc_wait1
GPMC external indication of wait 1
I
H5, L4
(1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve
as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the
clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS.
(2) The gpio6_16.clkout1 signal can be used as an “always-on” alternative to gpmc_clk provided that the external device can support the
associated timing. See Table 5-46 GPMC/NOR Flash Interface Switching Characteristics - Synchronous Mode - Default and Table 5-48
GPMC/NOR Flash Interface Switching Characteristics - Synchronous Mode - Alternate for timing information.
(3) The internal pull resistors for balls A4, E7, D6, C5, D7, C6, A5, B6 are permanently disabled when sysboot15 is set to 0 as described in
the section Sysboot Configuration of the Device TRM. If internal pull-up/down resistors are desired on these balls then sysboot15 should
be set to 1. If gpmc boot mode is used with SYSBOOT15=0 (not recommended) then external pull-downs should be implemented to
keep the address bus at logic-1 value during boot since the gpmc ms-address bits are high-z during boot.
4.3.7
Timers
NOTE
For more information, see the Timers section of the device TRM.
Table 4-8. Timers Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
timer1
PWM output/event trigger input
IO
H21, H6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com