Electronic Components Datasheet Search
  English  ▼

X  

AM5706 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM5706
Description  Sitara Processors
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706 Datasheet(HTML) 1 Page - Texas Instruments

  AM5706 Datasheet HTML 1Page - Texas Instruments AM5706 Datasheet HTML 2Page - Texas Instruments AM5706 Datasheet HTML 3Page - Texas Instruments AM5706 Datasheet HTML 4Page - Texas Instruments AM5706 Datasheet HTML 5Page - Texas Instruments AM5706 Datasheet HTML 6Page - Texas Instruments AM5706 Datasheet HTML 7Page - Texas Instruments AM5706 Datasheet HTML 8Page - Texas Instruments AM5706 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 388 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
AM5706, AM5708
SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017
AM570x Sitara™ Processors
1
Device Overview
1
1.1
Features
1
• ARM® Cortex®-A15 Microprocessor Subsystem
• C66x Floating-Point VLIW DSP
– Fully Object-Code Compatible With C67x and
C64x+
– Up to Thirty-two 16 × 16-Bit Fixed-Point
Multiplies per Cycle
• Up to 512KB of On-Chip L3 RAM
• Level 3 (L3) and Level 4 (L4) Interconnects
• DDR3/DDR3L Memory Interface (EMIF) Module
– Supports Up to DDR3-1333 (667 MHz)
– Up to 2GB Across Single Chip Select
• Dual ARM® Cortex®-M4 Coprocessors
• IVA-HD Subsystem
• Display Subsystem
– Full-HD Video (1920 × 1080p, 60 fps)
– Multiple Video Input and Video Output
– 2D and 3D Graphics
– Display Controller With DMA Engine and Up to
Three Pipelines
– HDMI™ Encoder: HDMI 1.4a and DVI 1.0
Compliant
• 2x Dual-Core Programmable Real-Time Unit and
Industrial Communication Subsystem (PRU-ICSS)
• Accelerator (BB2D) Subsystem
– Vivante® GC320 Core
• Video Processing Engine (VPE)
• Available Single-Core PowerVR™ SGX544 3D
GPU
• One Video Input Port (VIP) Module
– Support for Up to Four Multiplexed Input Ports
• General-Purpose Memory Controller (GPMC)
• Enhanced Direct Memory Access (EDMA)
Controller
• Ethernet Subsystem
• Sixteen 32-Bit General-Purpose Timers
• 32-Bit MPU Watchdog Timer
• Five High-Speed Inter-Integrated Circuit (I2C) Ports
• HDQ™/ 1-Wire® Interface
• Ten Configurable UART/IrDA/CIR Modules
• Four Multichannel Serial Peripheral Interfaces
(McSPI)
• Quad SPI Interface (QSPI)
• Eight Multichannel Audio Serial Port (McASP)
Modules
• SuperSpeed USB 3.0 Dual-Role Device
• High-Speed USB 2.0 Dual-Role Device
• Four MultiMedia Card/Secure Digital/Secure Digital
Input Output Interfaces (MMC/SD/SDIO)
• PCI Express® 3.0 Subsystem With 5-Gbps Lane
– One 2-lane Gen2-Compliant Port
– or Two 1-lane Gen2-Compliant Ports
• Dual Controller Area Network (DCAN) Modules
– CAN 2.0B Protocol
• MIPI™ CSI-2 Camera Serial Interface
• Up to 186 General-Purpose I/O (GPIO) Pins
• Power, Reset, and Clock Management
• On-Chip Debug With CTools Technology
• 28-nm CMOS Technology
• 17 mm × 17 mm, 0.65-mm Pitch, 538-Pin FCBGA
(CBD)


Similar Part No. - AM5706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 386P
Sitara Processors
AM5706 TI1-AM5706 Datasheet
4Mb / 392P
Sitara Processors
AM5706 TI1-AM5706 Datasheet
4Mb / 394P
Sitara Processors
AM5706 TI1-AM5706 Datasheet
4Mb / 395P
Sitara Processors
More results

Similar Description - AM5706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
Sitara Processors
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
Sitara Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
Sitara Processors
AM3359 TI1-AM3359_18 Datasheet
3Mb / 252P
Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com