Electronic Components Datasheet Search
  English  ▼

X  

AM5706 Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # AM5706
Description  Sitara Processors
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706 Datasheet(HTML) 98 Page - Texas Instruments

Back Button AM5706 Datasheet HTML 94Page - Texas Instruments AM5706 Datasheet HTML 95Page - Texas Instruments AM5706 Datasheet HTML 96Page - Texas Instruments AM5706 Datasheet HTML 97Page - Texas Instruments AM5706 Datasheet HTML 98Page - Texas Instruments AM5706 Datasheet HTML 99Page - Texas Instruments AM5706 Datasheet HTML 100Page - Texas Instruments AM5706 Datasheet HTML 101Page - Texas Instruments AM5706 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 388 page
background image
98
AM5706, AM5708
SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
4.3.25.2 Power, Reset, and Clock Management (PRCM)
NOTE
For more information, see PRCM section of the device TRM.
Table 4-27. PRCM Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
clkout1
Device Clock output 1. Can be used externally for devices with non-
critical timing requirements, or for debug, or as a reference clock on
GPMC as described in Table 5-46 GPMC/NOR Flash Interface
Switching Characteristics - Synchronous Mode - Default and Table 5-
48 GPMC/NOR Flash Interface Switching Characteristics -
Synchronous Mode - Alternate.
O
K23, L4
clkout2
Device Clock output 2. Can be used externally for devices with non-
critical timing requirements, or for debug.
O
H5, J25
clkout3
Device Clock output 3. Can be used xternally for devices with non-
critical timing requirements, or for debug.
O
H25
porz
Power on Reset (active low). This pin must be asserted low until all
device supplies are valid (see reset sequence/requirements)
I
F19
resetn
Device Reset Input
I
K24
rstoutn
Reset out (Active low). This pin asserts low in response to any global
reset condition on the device.(2)
O
E20
xi_osc0
System Oscillator OSC0 Crystal input / LVCMOS clock input.
Functions as the input connection to a crystal when the internal
oscillator OSC0 is used. Functions as an LVCMOS-compatible input
clock when an external oscillator is used.
I
Y12
xi_osc1
Auxiliary Oscillator OSC1 Crystal input / LVCMOS clock input.
Functions as the input connection to a crystal when the internal
oscillator OSC1 is used. Functions as an LVCMOS-compatible input
clock when an external oscillator is used
I
AC11
xo_osc0
System Oscillator OSC0 Crystal output
O
AB12
xo_osc1
Auxiliary Oscillator OSC1 Crystal output
O
AA11
xref_clk0
External Reference Clock 0. For Audio and other Peripherals.
I
J25
xref_clk1
External Reference Clock 1. For Audio and other Peripherals.
I
J24
xref_clk2
External Reference Clock 2. For Audio and other Peripherals.
I
H24
xref_clk3
External Reference Clock 3. For Audio and other Peripherals.
I
H25
RMII_MHZ_50_CLK(1)
RMII Reference Clock (50MHz). This pin is an input when external
reference is used or output when internal reference is used.
IO
P5
(1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve
as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the
clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS.
(2) Note that rstoutn is only valid after vddshv3 is valid. If the rstoutn signal will be used as a reset into other devices attached to the SOC, it
must be AND'ed with porz. This will prevent glitches occurring during supply ramping being propagated.
4.3.25.3 System Direct Memory Access (SDMA)
NOTE
For more information, see the DMA Controllers / System DMA section of the device TRM.
Table 4-28. SDMA Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
dma_evt1
System DMA Event Input 1
I
G1, L4
dma_evt2
System DMA Event Input 2
I
H3, H5
dma_evt3
System DMA Event Input 3
I
H2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com