Electronic Components Datasheet Search
  English  ▼

X  

AM5706 Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # AM5706
Description  Sitara Processors
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706 Datasheet(HTML) 101 Page - Texas Instruments

Back Button AM5706 Datasheet HTML 97Page - Texas Instruments AM5706 Datasheet HTML 98Page - Texas Instruments AM5706 Datasheet HTML 99Page - Texas Instruments AM5706 Datasheet HTML 100Page - Texas Instruments AM5706 Datasheet HTML 101Page - Texas Instruments AM5706 Datasheet HTML 102Page - Texas Instruments AM5706 Datasheet HTML 103Page - Texas Instruments AM5706 Datasheet HTML 104Page - Texas Instruments AM5706 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 388 page
background image
101
AM5706, AM5708
www.ti.com
SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-30. Power Supply Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vdds18v_ddr1
DDR2 - 1.8v bias supply
PWR
AA19, P20, Y19
vddshv1
VIN2 domain - 1.8/3.3 mode voltage Power cell - secondary power
supply
PWR
G10, G9
vddshv3
GENERAL Domain - 1.8/3.3 mode voltage Power cell - secondary
power supply
PWR
G15, G17, H15, H17,
J19, K19
vddshv4
MMC4 Domain (UART4) - 1.8/3.3 mode voltage Power cell - secondary
power supply
PWR
M19, N19
vddshv7
WIFI Power Group (MMC3/MCASP5) - 1.8/3.3 mode voltage Power cell
- secondary power supply
PWR
U7, U8
vddshv8
Dual Voltage (1.8V or 3.3V) power supply for the MMC1 Power Group
pins
PWR
N8, P8
vddshv9
RGMII - 1.8/3.3 mode voltage Power cell - secondary power supply
PWR
M7, N7
vddshv10
GPMC - 1.8/3.3 mode voltage Power cell - secondary power supply
PWR
J7, J8, K8
vddshv11
MMC2 - 1.8/3.3 mode voltage Power cell - secondary power supply
PWR
F7, G7, H7
vdds_ddr1
DDR2 - vdds2 can be 1.8 (ddr2)/1.5(ddr3) - secondary power supply
PWR
T19, T20, V20, W17,
W18, W20
vssa_osc0
OSC0 Analog ground
GND
AA12
vssa_osc1
OSC1 Analog ground
GND
AB11
(1) This pin must always be connected via a 1-µF capacitor to vss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com