| Electronic Components Datasheet Search |
|
AM5706 Datasheet(PDF) 82 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5706 Datasheet(HTML) 82 Page - Texas Instruments |
|
82 / 388 page ![]() 82 AM5706, AM5708 SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017 www.ti.com Submit Documentation Feedback Product Folder Links: AM5706 AM5708 Terminal Configuration and Functions Copyright © 2016–2017, Texas Instruments Incorporated Table 4-16. PCIe Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL pcie_rxn0 PCIe1_PHY_RX Receive Data Lane 0 (negative) - mapped to PCIe_SS1 only. IDS AE6 pcie_rxp0 PCIe1_PHY_RX Receive Data Lane 0 (positive) - mapped to PCIe_SS1 only. IDS AD7 pcie_txn0 PCIe1_PHY_TX Transmit Data Lane 0 (negative) - mapped to PCIe_SS1 only. ODS AE8 pcie_txp0 PCIe1_PHY_TX Transmit Data Lane 0 (positive) - mapped to PCIe_SS1 only. ODS AD9 pcie_rxn1 PCIe2_PHY_RX Receive Data Lane 1 (negative) - mapped to either PCIe_SS1 (dual lane- mode) or PCIe_SS2 (single lane- mode) IDS AE5 pcie_rxp1 PCIe2_PHY_RX Receive Data Lane 1 (positive) - mapped to either PCIe_SS1 (dual lane- mode) or PCIe_SS2 (single lane- mode) IDS AD6 pcie_txn1 PCIe2_PHY_TX Transmit Data Lane 1 (negative) - mapped to either PCIe_SS1 (dual lane- mode) or PCIe_SS2 (single lane- mode) ODS AE3 pcie_txp1 PCIe2_PHY_TX Transmit Data Lane 1 (positive) - mapped to either PCIe_SS1 (dual lane- mode) or PCIe_SS2 (single lane- mode) ODS AD4 ljcb_clkn PCIe1_PHY shared Reference Clock Input / Output Differential Pair (negative) IODS AB9 ljcb_clkp PCIe1_PHY shared Reference Clock Input / Output Differential Pair (positive) IODS AC8 4.3.16 DCAN NOTE For more information, see the Serial Communication Interface / DCAN section of the device TRM. Table 4-17. DCAN Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL DCAN 1 dcan1_rx DCAN1 receive data pin IO H23, AC10 dcan1_tx DCAN1 transmit data pin IO H22 DCAN 2 dcan2_rx DCAN2 receive data pin IO E25, K22, AB10 dcan2_tx DCAN2 transmit data pin IO E24, H21 4.3.17 GMAC_SW NOTE For more information, see the Serial Communication Interfaces / Ethernet Controller section of the device TRM. Table 4-18. GMAC Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL rgmii0_rxc RGMII0 Receive Clock I N2 rgmii0_rxctl RGMII0 Receive Control I P2 rgmii0_rxd0 RGMII0 Receive Data I N4 rgmii0_rxd1 RGMII0 Receive Data I N3 rgmii0_rxd2 RGMII0 Receive Data I P1 rgmii0_rxd3 RGMII0 Receive Data I N1 rgmii0_txc RGMII0 Transmit Clock O T4 rgmii0_txctl RGMII0 Transmit Enable O T5 rgmii0_txd0 RGMII0 Transmit Data O R1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |