Electronic Components Datasheet Search
  English  ▼

X  

AM5706 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # AM5706
Description  Sitara Processors
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706 Datasheet(HTML) 81 Page - Texas Instruments

Back Button AM5706 Datasheet HTML 77Page - Texas Instruments AM5706 Datasheet HTML 78Page - Texas Instruments AM5706 Datasheet HTML 79Page - Texas Instruments AM5706 Datasheet HTML 80Page - Texas Instruments AM5706 Datasheet HTML 81Page - Texas Instruments AM5706 Datasheet HTML 82Page - Texas Instruments AM5706 Datasheet HTML 83Page - Texas Instruments AM5706 Datasheet HTML 84Page - Texas Instruments AM5706 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 388 page
background image
81
AM5706, AM5708
www.ti.com
SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-14. MCASP Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
mcasp7_axr2
McASP7 Transmit/Receive Data
IO
D16
mcasp7_axr3
McASP7 Transmit/Receive Data
IO
D17
mcasp7_fsr
McASP7 Receive Frame Sync
IO
F16
mcasp7_fsx
McASP7 Transmit Frame Sync
IO
F16
Multichannel Audio Serial Port 8
mcasp8_aclkr(1)
McASP8 Receive Bit Clock
IO
D20
mcasp8_aclkx(1)
McASP8 Transmit Bit Clock
IO
D20
mcasp8_ahclkx
McASP8 Transmit High-Frequency Master Clock
O
H25
mcasp8_axr0
McASP8 Transmit/Receive Data
IO
B20
mcasp8_axr1
McASP8 Transmit/Receive Data
IO
C19
mcasp8_fsr
McASP8 Receive Frame Sync
IO
C20
mcasp8_fsx
McASP8 Transmit Frame Sync
IO
C20
(1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve
as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the
clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS.
4.3.14 USB
NOTE
For more information, see: Serial Communication Interface / SuperSpeed USB DRD
Subsystem section of the device TRM.
Table 4-15. Universal Serial Bus Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Universal Serial Bus 1
usb1_dm
USB1 USB2.0 differential signal pair (negative)
IODS
AB7
usb1_dp
USB1 USB2.0 differential signal pair (positive)
IODS
AC6
usb1_drvvbus
USB1 Drive VBUS signal
O
AD3
usb_rxn0(1)
USB1 USB3.0 receiver negative lane
IDS
AE5
usb_rxp0(1)
USB1 USB3.0 receiver positive lane
IDS
AD6
usb_txn0(1)
USB1 USB3.0 transmitter negative lane
ODS
AE3
usb_txp0(1)
USB1 USB3.0 transmitter positive lane
ODS
AD4
Universal Serial Bus 2
usb2_dm
USB2 USB2.0 differential signal pair (negative)
IO
AC5
usb2_dp
USB2 USB2.0 differential signal pair (positive)
IO
AB6
usb2_drvvbus
USB2 Drive VBUS signal
O
AA6
(1) Signals are enabled by selecting the correct field in the PCIE_B1C0_MODE_SEL register. There are no CTRL_CORE_PAD* register
involved.
4.3.15 PCIe
NOTE
For more information, see the Serial Communication Interfaces / PCIe Controllers and the
Shared PHY Component Subsystems / PCIe Shared PHY Subsystem sections of the device
TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com