Electronic Components Datasheet Search
  English  ▼

X  

AM5706 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # AM5706
Description  Sitara Processors
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706 Datasheet(HTML) 80 Page - Texas Instruments

Back Button AM5706 Datasheet HTML 76Page - Texas Instruments AM5706 Datasheet HTML 77Page - Texas Instruments AM5706 Datasheet HTML 78Page - Texas Instruments AM5706 Datasheet HTML 79Page - Texas Instruments AM5706 Datasheet HTML 80Page - Texas Instruments AM5706 Datasheet HTML 81Page - Texas Instruments AM5706 Datasheet HTML 82Page - Texas Instruments AM5706 Datasheet HTML 83Page - Texas Instruments AM5706 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 388 page
background image
80
AM5706, AM5708
SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-14. MCASP Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
mcasp2_aclkx(1)
McASP2 Transmit Bit Clock
IO
E19
Multichannel Audio Serial Port 3
mcasp3_axr0
McASP3 Transmit/Receive Data
IO
B22
mcasp3_axr1
McASP3 Transmit/Receive Data
IO
B23
mcasp3_axr2
McASP3 Transmit/Receive Data
IO
A21
mcasp3_axr3
McASP3 Transmit/Receive Data
IO
B21
mcasp3_fsx
McASP3 Transmit Frame Sync
IO
A23
mcasp3_ahclkx
McASP3 Transmit High-Frequency Master Clock
O
H24
mcasp3_aclkx(1)
McASP3 Transmit Bit Clock
IO
A22
mcasp3_aclkr(1)
McASP3 Receive Bit Clock
IO
A22
mcasp3_fsr
McASP3 Receive Frame Sync
IO
A23
Multichannel Audio Serial Port 4
mcasp4_axr0
McASP4 Transmit/Receive Data
IO
A24
mcasp4_axr1
McASP4 Transmit/Receive Data
IO
D23
mcasp4_axr2
McASP4 Transmit/Receive Data
IO
A15
mcasp4_axr3
McASP4 Transmit/Receive Data
IO
A14
mcasp4_fsx
McASP4 Transmit Frame Sync
IO
B25
mcasp4_ahclkx
McASP4 Transmit High-Frequency Master Clock
O
H25
mcasp4_aclkx(1)
McASP4 Transmit Bit Clock
IO
C23
mcasp4_aclkr(1)
McASP4 Receive Bit Clock
IO
C23
mcasp4_fsr
McASP4 Receive Frame Sync
IO
B25
Multichannel Audio Serial Port 5
mcasp5_axr0
McASP5 Transmit/Receive Data
IO
AA5
mcasp5_axr1
McASP5 Transmit/Receive Data
IO
AC4
mcasp5_axr2
McASP5 Transmit/Receive Data
IO
A17
mcasp5_axr3
McASP5 Transmit/Receive Data
IO
A16
mcasp5_fsx
McASP5 Transmit Frame Sync
IO
U6
mcasp5_ahclkx
McASP5 Transmit High-Frequency Master Clock
O
J25
mcasp5_aclkx(1)
McASP5 Transmit Bit Clock
IO
AC3
mcasp5_aclkr(1)
McASP5 Receive Bit Clock
IO
AC3
mcasp5_fsr
McASP5 Receive Frame Sync
IO
U6
Multichannel Audio Serial Port 6
mcasp6_axr0
McASP6 Transmit/Receive Data
IO
A18
mcasp6_axr1
McASP6 Transmit/Receive Data
IO
B17
mcasp6_axr2
McASP6 Transmit/Receive Data
IO
C14
mcasp6_axr3
McASP6 Transmit/Receive Data
IO
B15
mcasp6_ahclkx
McASP6 Transmit High-Frequency Master Clock
O
J24
mcasp6_aclkx(1)
McASP6 Transmit Bit Clock
IO
B16
mcasp6_fsx
McASP6 Transmit Frame Sync
IO
B18
mcasp6_aclkr(1)
McASP6 Receive Bit Clock
IO
B16
mcasp6_fsr
McASP6 Receive Frame Sync
IO
B18
Multichannel Audio Serial Port 7
mcasp7_aclkr(1)
McASP7 Receive Bit Clock
IO
E16
mcasp7_aclkx(1)
McASP7 Transmit Bit Clock
IO
E16
mcasp7_ahclkx
McASP7 Transmit High-Frequency Master Clock
O
H24
mcasp7_axr0
McASP7 Transmit/Receive Data
IO
A19
mcasp7_axr1
McASP7 Transmit/Receive Data
IO
E17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com