Electronic Components Datasheet Search
  English  ▼

X  

AM5706 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # AM5706
Description  Sitara Processors
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706 Datasheet(HTML) 84 Page - Texas Instruments

Back Button AM5706 Datasheet HTML 80Page - Texas Instruments AM5706 Datasheet HTML 81Page - Texas Instruments AM5706 Datasheet HTML 82Page - Texas Instruments AM5706 Datasheet HTML 83Page - Texas Instruments AM5706 Datasheet HTML 84Page - Texas Instruments AM5706 Datasheet HTML 85Page - Texas Instruments AM5706 Datasheet HTML 86Page - Texas Instruments AM5706 Datasheet HTML 87Page - Texas Instruments AM5706 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 388 page
background image
84
AM5706, AM5708
SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-18. GMAC Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
rmii1_crs
RMII1 Carrier Sense
I
N5
rmii1_rxd0
RMII1 Receive Data
I
T5
rmii1_rxd1
RMII1 Receive Data
I
T4
rmii1_rxer
RMII1 Receive Data Error
I
N6
rmii1_txd0
RMII1 Transmit Data
O
N1
rmii1_txd1
RMII1 Transmit Data
O
P2
rmii1_txen
RMII1 Transmit Data Enable
O
N2
rmii0_crs
RMII0 Carrier Sense
I
P4
rmii0_rxd0
RMII0 Receive Data
I
R1
rmii0_rxd1
RMII0 Receive Data
I
R2
rmii0_rxer
RMII0 Receive Data Error
I
P3
rmii0_txd0
RMII0 Transmit Data
O
N4
rmii0_txd1
RMII0 Transmit Data
O
N3
rmii0_txen
RMII0 Transmit Data Enable
O
P1
mdio_mclk
Management Data Serial Clock
O
D10, E24, L5, Y5
mdio_d
Management Data
IO
C10, E25, L6, Y6
4.3.18 MLB
NOTE
Media Local Bus (MLB) is not available on this device, and must be left unconnected.
Table 4-19. MLB Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
mlbp_clk_n
Media Local Bus (MLB) Subsystem clock differential pair (negative)
IDS
U1
mlbp_clk_p
Media Local Bus (MLB) Subsystem clock differential pair (positive)
IDS
U2
mlbp_dat_n
Media Local Bus (MLB) Subsystem data differential pair (negative)
IODS
T1
mlbp_dat_p
Media Local Bus (MLB) Subsystem data differential pair (positive)
IODS
T2
mlbp_sig_n
Media Local Bus (MLB) Subsystem signal differential pair (negative)
IODS
U4
mlbp_sig_p
Media Local Bus (MLB) Subsystem signal differential pair (positive)
IODS
T3
4.3.19 eMMC/SD/SDIO
NOTE
For more information, see the HS MMC/SDIO section of the device TRM.
Table 4-20. eMMC/SD/SDIO Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Multi Media Card 1
mmc1_clk(1)
MMC1 clock
IO
U3
mmc1_cmd
MMC1 command
IO
V4
mmc1_dat0
MMC1 data bit 0
IO
V3
mmc1_dat1
MMC1 data bit 1
IO
V2
mmc1_dat2
MMC1 data bit 2
IO
W1
mmc1_dat3
MMC1 data bit 3
IO
V1
mmc1_sdcd
MMC1 Card Detect
I
U5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com