Electronic Components Datasheet Search
  English  ▼

X  

AM5706 Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # AM5706
Description  Sitara Processors
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706 Datasheet(HTML) 78 Page - Texas Instruments

Back Button AM5706 Datasheet HTML 74Page - Texas Instruments AM5706 Datasheet HTML 75Page - Texas Instruments AM5706 Datasheet HTML 76Page - Texas Instruments AM5706 Datasheet HTML 77Page - Texas Instruments AM5706 Datasheet HTML 78Page - Texas Instruments AM5706 Datasheet HTML 79Page - Texas Instruments AM5706 Datasheet HTML 80Page - Texas Instruments AM5706 Datasheet HTML 81Page - Texas Instruments AM5706 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 388 page
background image
78
AM5706, AM5708
SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-12. SPI Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
spi2_d1
SPI2 Data. Can be configured as either MISO or MOSI.
IO
F25
spi2_d0
SPI2 Data. Can be configured as either MISO or MOSI.
IO
G24
spi2_cs0
SPI2 Chip Select
IO
F24
spi2_cs1
SPI2 Chip Select
IO
C25
spi2_cs2
SPI2 Chip Select
IO
E24
spi2_cs3
SPI2 Chip Select
IO
E25
Serial Peripheral Interface 3
spi3_sclk(1)
SPI3 Clock
IO
A18, C23, N5, Y1
spi3_d1
SPI3 Data. Can be configured as either MISO or MOSI.
IO
B17, B25, N6, Y4
spi3_d0
SPI3 Data. Can be configured as either MISO or MOSI.
IO
A24, AA2, B16, T4
spi3_cs0
SPI3 Chip Select
IO
AA3, B18, D23, T5
spi3_cs1
SPI3 Chip Select
IO
A19, W2
Serial Peripheral Interface 4
spi4_sclk(1)
SPI4 Clock
IO
AC3, E8, K4, P4, Y3
spi4_d1
SPI4 Data. Can be configured as either MISO or MOSI.
IO
AA1, B8, H1, P3, U6
spi4_d0
SPI4 Data. Can be configured as either MISO or MOSI.
IO
AA4, AA5, C8, J2,
R2
spi4_cs0
SPI4 Chip Select
IO
AB1, AC4, B9, L3,
R1
spi4_cs1
SPI4 Chip Select
IO
G1, N6
spi4_cs2
SPI4 Chip Select
IO
H3, T4
spi4_cs3
SPI4 Chip Select
IO
H4, T5
(1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve
as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the
clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS.
4.3.12 QSPI
NOTE
For more information about UART booting, see the Initialization / Device Initialization by
ROM Code / Memory Booting / SPI/QSPI Flash Devices section of the device TRM.
Table 4-13. QSPI Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
qspi1_sclk
QSPI1 Serial Clock
IO
F2
qspi1_rtclk
QSPI1 Return Clock Input. Must be connected from QSPI1_SCLK on PCB. Refer
to PCB Guidelines for QSPI1
I
H3
qspi1_d0
QSPI1 Data[0]. This pin is output data for all commands/writes and for dual read
and quad read modes it becomes input data pin during read phase.
IO
K5
qspi1_d1
QSPI1 Data[1]. Input read data in all modes.
IO
G2
qspi1_d2
QSPI1 Data[2]. This pin is used only in quad read mode as input data pin during
read phase
IO
K6
qspi1_d3
QSPI1 Data[3]. This pin is used only in quad read mode as input data pin during
read phase
IO
H4
qspi1_cs0
QSPI1 Chip Select[0]. This pin is Used for QSPI1 boot modes.
IO
G4
qspi1_cs1
QSPI1 Chip Select[1]
O
G3
qspi1_cs2
QSPI1 Chip Select[2]
O
L1
qspi1_cs3
QSPI1 Chip Select[3]
O
K3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com