Electronic Components Datasheet Search
  English  ▼

X  

AM5706 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # AM5706
Description  Sitara Processors
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706 Datasheet(HTML) 75 Page - Texas Instruments

Back Button AM5706 Datasheet HTML 71Page - Texas Instruments AM5706 Datasheet HTML 72Page - Texas Instruments AM5706 Datasheet HTML 73Page - Texas Instruments AM5706 Datasheet HTML 74Page - Texas Instruments AM5706 Datasheet HTML 75Page - Texas Instruments AM5706 Datasheet HTML 76Page - Texas Instruments AM5706 Datasheet HTML 77Page - Texas Instruments AM5706 Datasheet HTML 78Page - Texas Instruments AM5706 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 388 page
background image
75
AM5706, AM5708
www.ti.com
SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-8. Timers Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
timer2
PWM output/event trigger input
IO
H2, K22
timer3
PWM output/event trigger input
IO
H5, K23
timer4
PWM output/event trigger input
IO
A16, L4
timer5
PWM output/event trigger input
IO
A18, K6
timer6
PWM output/event trigger input
IO
B17, H4
timer7
PWM output/event trigger input
IO
B16, H3
timer8
PWM output/event trigger input
IO
B18, G1
timer9
PWM output/event trigger input
IO
A19, L3
timer10
PWM output/event trigger input
IO
E17, J2
timer11
PWM output/event trigger input
IO
E16, H1
timer12
PWM output/event trigger input
IO
F16, K4
timer13
PWM output/event trigger input
IO
J25
timer14
PWM output/event trigger input
IO
J24
timer15
PWM output/event trigger input
IO
AA6, H24
timer16
PWM output/event trigger input
IO
AD3, H25
4.3.8
I
2C
NOTE
For more information, see the Serial Communication Interface / Multimaster High-Speed I2C
Controller / HS I2C Environment / HS I2C in I2C Mode section of the device TRM.
NOTE
I
2C1 and I2C2 do NOT support HS-mode.
Table 4-9. I2C Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Inter-Integrated Circuit Interface 1 (I2C1)
i2c1_scl
I2C1 Clock
IOD
G22
i2c1_sda
I2C1 Data
IOD
G23
Inter-Integrated Circuit Interface 2 (I2C2)
i2c2_scl
I2C2 Clock
IOD
G21
i2c2_sda
I2C2 Data
IOD
F23
Inter-Integrated Circuit Interface 3 (I2C3)
i2c3_scl
I2C3 Clock
IOD
C17, K22, L4, Y6
i2c3_sda
I2C3 Data
IOD
C16, H21, H5, Y5
Inter-Integrated Circuit Interface 4 (I2C4)
i2c4_scl
I2C4 Clock
IOD
B25, D17, M1, V5
i2c4_sda
I2C4 Data
IOD
C23, D16, M2, U5
Inter-Integrated Circuit Interface 5 (I2C5)
i2c5_scl
I2C5 Clock
IOD
B14, K3, U6
i2c5_sda
I2C5 Data
IOD
AC3, D14, K2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com