| Electronic Components Datasheet Search |
|
AM5706 Datasheet(PDF) 76 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5706 Datasheet(HTML) 76 Page - Texas Instruments |
|
76 / 388 page ![]() 76 AM5706, AM5708 SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017 www.ti.com Submit Documentation Feedback Product Folder Links: AM5706 AM5708 Terminal Configuration and Functions Copyright © 2016–2017, Texas Instruments Incorporated 4.3.9 HDQ1W NOTE For more information, see the Serial Communication Interface / HDQ/1-Wire section of the device TRM. Table 4-10. HDQ / 1-Wire Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL hdq0 HDQ or 1-wire protocol single interface pin IOD H25, J25 4.3.10 UART NOTE For more information about UART booting, see the Initialization / Device Initialization by ROM Code / Perypheral Booting / Initialization Phase for UART Boot section of the device TRM. Table 4-11. UART Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL Universal Asynchronous Receiver/Transmitter 1 (UART1) uart1_dcdn UART1 Data Carrier Detect active low I N23 uart1_dsrn UART1 Data Set Ready Active Low I N25 uart1_dtrn UART1 Data Terminal Ready Active Low O N22 uart1_rin UART1 Ring Indicator I N24 uart1_rxd UART1 Receive Data I L25 uart1_txd UART1 Transmit Data O M25 uart1_ctsn UART1 clear to send active low I L20 uart1_rtsn UART1 request to send active low O M24 Universal Asynchronous Receiver/Transmitter 2 (UART2) uart2_rxd UART2 Receive Data I N23 uart2_txd UART2 Transmit Data O N25 uart2_ctsn UART2 clear to send active low I N22 uart2_rtsn UART2 request to send active low O N24 Universal Asynchronous Receiver/Transmitter 3 (UART3)/IrDA uart3_rxd UART3 Receive Data I AA5, G25, N22, N5 uart3_txd UART3 Transmit Data O AC4, F25, N24, N6 uart3_ctsn UART3 clear to send active low I G24, L6, N23, T4 uart3_rtsn UART3 request to send active low O F24, L5, N25, T5 uart3_rctx Remote control data O N23 uart3_sd Infrared transceiver configure/shutdown O N25 uart3_irtx Infrared data output O N24 Universal Asynchronous Receiver/Transmitter 4 (UART4) uart4_rxd UART4 Receive Data I A24, E24, P4 uart4_txd UART4 Transmit Data O D23, E25, P3 uart4_ctsn UART4 clear to send active low I R2 uart4_rtsn UART4 request to send active low O R1 Universal Asynchronous Receiver/Transmitter 5 (UART5) uart5_rxd UART5 Receive Data I B22, G24, M1, Y4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |