Electronic Components Datasheet Search
  English  ▼

X  

ADT7312 Datasheet(PDF) 4 Page - Analog Devices

Part # ADT7312
Description  Digital SPI Temperature Sensor in Die Form
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7312 Datasheet(HTML) 4 Page - Analog Devices

  ADT7312 Datasheet HTML 1Page - Analog Devices ADT7312 Datasheet HTML 2Page - Analog Devices ADT7312 Datasheet HTML 3Page - Analog Devices ADT7312 Datasheet HTML 4Page - Analog Devices ADT7312 Datasheet HTML 5Page - Analog Devices ADT7312 Datasheet HTML 6Page - Analog Devices ADT7312 Datasheet HTML 7Page - Analog Devices ADT7312 Datasheet HTML 8Page - Analog Devices ADT7312 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Data Sheet
ADT7312
Rev. A | Page 3 of 24
SPECIFICATIONS
TA = −55°C to +175°C, VDD = 2.7 V to 5.5 V, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE SENSOR AND ADC
Accuracy1
±1.0
°C
TA = −55°C to +175°C, VDD = 2.7 V to 3.3 V
±1.1
°C
TA = −55°C to +175°C, VDD = 3.3 V to 3.6 V
±1.2
°C
TA = +150°C to +175°C, VDD = 4.5 V to 5.5 V
±1.5
°C
TA = −55°C to +175°C, VDD = 4.5 V to 5.5 V
ADC Resolution
13
Bits
Twos complement temperature value of sign bit
plus 12 bits (power-on default resolution)
16
Bits
Twos complement temperature value of sign bit
plus 15 bits (Bit 7 = 1 in the configuration register)
Temperature Resolution
13-Bit
0.0625
°C
13-bit resolution (sign bit plus 12 bits)
16-Bit
0.0078
°C
16-bit resolution (sign bit plus 15 bits)
Temperature Conversion Time
240
ms
Continuous and one-shot conversion modes
Fast Temperature Conversion Time
6
ms
First conversion on power-up only
1 SPS Conversion Time
60
ms
1 SPS mode
Temperature Hysteresis
±0.002
°C
Repeatability2
±0.015
°C
TA = 25°C
DC PSRR
0.1
°C/V
TA = 25°C
DIGITAL OUTPUTS (CT, INT)
Open-drain outputs
High Output Leakage Current, IOH
+0.1
±1
μA
CT and INT pins pulled up to 5.5 V
Output Low Voltage, VOL
0.4
V
IOL = 3 mA at 5.5 V, IOL = 1 mA at 3.3 V
Output High Voltage, VOH
0.7 × VDD
V
Output Capacitance, COUT
2
pF
DIGITAL INPUTS (DIN, SCLK, CS)
Input Current, IIN
±1
μA
VIN = 0 V to VDD
Input Low Voltage, VIL
0.4
V
Input High Voltage, VIH
0.7 × VDD
V
Pin Capacitance, CIN
5
10
pF
DIGITAL OUTPUT (DOUT)
Output High Voltage, VOH
VDD − 0.3
V
ISOURCE = ISINK = 200 μA
Output Low Voltage, VOL
0.4
V
IOL = 200 μA
Output Capacitance, COUT
50
pF
POWER REQUIREMENTS
Supply Voltage
2.7
5.5
V
Supply Current
Peak current while converting; SPI interface inactive
Continuous Conversion Mode
245
320
μA
VDD = 3.6 V
275
350
μA
VDD = 5.5 V
1 SPS Mode
55
μA
VDD = 3.6 V, TA = 25°C
70
μA
VDD = 5.5 V, TA = 25°C
Shutdown Mode
2.5
40
μA
VDD = 3.6 V
5.4
50
μA
VDD = 5.5 V
Power Dissipation
Power dissipated for VDD = 3.6 V, TA = 25°C
Continuous Conversion Mode
880
μW
1 SPS Mode
200
μW
Shutdown Mode
9
μW
1 Accuracy includes lifetime drift.
2 Based on a floating average of 10 readings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com