Electronic Components Datasheet Search
  English  ▼

X  

ADT7312 Datasheet(PDF) 6 Page - Analog Devices

Part # ADT7312
Description  Digital SPI Temperature Sensor in Die Form
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7312 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADT7312 Datasheet HTML 2Page - Analog Devices ADT7312 Datasheet HTML 3Page - Analog Devices ADT7312 Datasheet HTML 4Page - Analog Devices ADT7312 Datasheet HTML 5Page - Analog Devices ADT7312 Datasheet HTML 6Page - Analog Devices ADT7312 Datasheet HTML 7Page - Analog Devices ADT7312 Datasheet HTML 8Page - Analog Devices ADT7312 Datasheet HTML 9Page - Analog Devices ADT7312 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
ADT7312
| Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
DIN Input Voltage to GND
−0.3 V to VDD + 0.3 V
DOUT Output Voltage to GND
−0.3 V to VDD + 0.3 V
SCLK Input Voltage to GND
−0.3 V to VDD + 0.3 V
CS Input Voltage to GND
−0.3 V to VDD + 0.3 V
CT and INT Output Voltage to GND
−0.3 V to VDD + 0.3 V
ESD Rating (Human Body Model)
2.0 kV
Operating Temperature Range
−55°C to +175°C
Storage Temperature Range
−65°C to +175°C
Maximum Junction Temperature, TJMAX
175°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com