Electronic Components Datasheet Search
  English  ▼

X  

ADT7312 Datasheet(PDF) 1 Page - Analog Devices

Part # ADT7312
Description  Digital SPI Temperature Sensor in Die Form
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7312 Datasheet(HTML) 1 Page - Analog Devices

  ADT7312 Datasheet HTML 1Page - Analog Devices ADT7312 Datasheet HTML 2Page - Analog Devices ADT7312 Datasheet HTML 3Page - Analog Devices ADT7312 Datasheet HTML 4Page - Analog Devices ADT7312 Datasheet HTML 5Page - Analog Devices ADT7312 Datasheet HTML 6Page - Analog Devices ADT7312 Datasheet HTML 7Page - Analog Devices ADT7312 Datasheet HTML 8Page - Analog Devices ADT7312 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Automotive, ±1°C Accurate, 16-Bit, 175°C,
Digital SPI Temperature Sensor in Die Form
Data Sheet
ADT7312
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Qualified for automotive applications
High performance
Temperature accuracy:
±1°C from −55°C to +175°C (2.7 V to 3.3 V)
16-bit temperature resolution: 0.0078°C
Fast first temperature conversion on power-up of 6 ms
Easy implementation
No temperature calibration or correction required
No linearity correction required
Low power
Power-saving 1 sample per second (SPS) mode
880 μW typical at 3.6 V in normal mode
9 μW typical at 3.6 V in shutdown mode
Wide operating ranges
Temperature range: −55°C to +175°C
Voltage range: 2.7 V to 5.5 V
Programmable interrupts
Critical overtemperature interrupt
Overtemperature/undertemperature interrupt
SPI-compatible interface
Available in die form only
APPLICATIONS
Automotive
High temperature monitoring
High temperature thermal protection
GENERAL DESCRIPTION
The ADT7312 is a ±1°C accurate digital temperature sensor
that operates over a very wide temperature range of −55°C to
+175°C and is available in die form only. It contains an internal
band gap reference, a temperature sensor, and a 16-bit analog-
to-digital converter (ADC) to monitor and digitize the temper-
ature to a resolution of 0.0078°C. The default ADC resolution
is 13 bits (0.0625°C). The ADC resolution can be changed to
16 bits (0.0078°C) using the serial interface.
The ADT7312 is guaranteed to operate over supply voltages
from 2.7 V to 5.5 V. At 3.6 V operation, the average supply
current is typically 245 μA. The ADT7312 has a shutdown
mode that powers down the device, resulting in a typical
shutdown current of 2.5 μA at 3.6 V. The ADT7312 is rated
for operation over the −55°C to +175°C temperature range.
The CT pin is an open-drain output that becomes active when
the temperature exceeds a programmable critical temperature
limit. The default critical temperature limit is 147°C. The INT
pin is also an open-drain output that becomes active when the
temperature exceeds a programmable limit. The INT pin and
the CT pin can operate in either comparator or interrupt mode.
PRODUCT HIGHLIGHTS
1.
Ease of use, no calibration or correction required.
2.
Low power consumption.
3.
Excellent long-term stability and reliability.
4.
Qualified for automotive applications.
FUNCTIONAL BLOCK DIAGRAM
TEMPERATURE
VALUE
REGISTER
CONFIGURATION
STATUS
REGISTER
ID
REGISTER
REGISTER
THYST
REGISTER
TLOW
REGISTER
THIGH
REGISTER
TCRIT
REGISTER
INTERNAL
REFERENCE
7
TEMPERATURE
SENSOR
THIGH
TCRIT
TLOW
INTERNAL
OSCILLATOR
FILTER
LOGIC
Σ-∆
MODULATOR
GND
8
GND
9
VDD
10
VDD
6
5
CT
INT
3
4
1
2
ADT7312
SCLK
DOUT
DIN
CS
Figure 1.


Similar Part No. - ADT7312

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
logo
ADTech
ADT7310 ADTECH-ADT7310 Datasheet
262Kb / 15P
system specific power supply IC that is suitable for color CCD camera
Oct. 17. 2008 / Rev. 0.0
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
476Kb / 9P
Devices Connected
Rev. C
ADT7310 AD-ADT7310 Datasheet
442Kb / 25P
16-Bit Digital SPI Temperature Sensor
Rev. A
ADT7310TRZ AD-ADT7310TRZ Datasheet
455Kb / 24P
짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
More results

Similar Description - ADT7312

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM74 NSC-LM74 Datasheet
293Kb / 15P
SPI/MICROWIRE??Digital Temperature Sensor
LM74A NSC-LM74A Datasheet
605Kb / 12P
SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
logo
International Rectifier
HF20A060ACE IRF-HF20A060ACE Datasheet
33Kb / 1P
Hexfred Die in Wafer Form
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
Digital Temperature Sensor with SPI??Interface
2002
logo
National Semiconductor ...
LM95172Q NSC-LM95172Q Datasheet
467Kb / 24P
Digital Temperature Sensor in Die Form with 짹1C Accuracy from 130C to 160C
logo
Texas Instruments
LM74A TI-LM74A_15 Datasheet
395Kb / 15P
LM74A SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
logo
Analog Devices
ADT7310 AD-ADT7310_17 Datasheet
442Kb / 25P
16-Bit Digital SPI Temperature Sensor
Rev. A
ADT7311 AD-ADT7311 Datasheet
425Kb / 25P
16-Bit Digital SPI Temperature Sensor
Rev. 0
ADT7320 AD-ADT7320_17 Datasheet
485Kb / 25P
16-Bit Digital SPI Temperature Sensor
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com